| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10LF320T-IMCSQTP bảng dữ liệu(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10LF320T-IMCSQTP bảng dữ liệu(HTML) 97 Page - Microchip Technology |
|
97 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 97 PIC10(L)F320/322 REGISTER 15-2: ADRES: ADC RESULT REGISTER R/W-x/u R/W-x/u R/W-x/u R/W-x/u R/W-x/u R/W-x/u R/W-x/u R/W-x/u ADRES<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-0 ADRES<7:0> : ADC Result Register bits 8-bit result |