công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC10LF320T-IMCSQTP bảng dữ liệu(PDF) 101 Page - Microchip Technology

tên linh kiện PIC10LF320T-IMCSQTP
Giải thích chi tiết về linh kiện  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IMCSQTP bảng dữ liệu(HTML) 101 Page - Microchip Technology

Back Button PIC10LF320T-IMCSQTP Datasheet HTML 97Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 98Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 99Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 100Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 101Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 102Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 103Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 104Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 101
PIC10(L)F320/322
16.0
TIMER0 MODULE
The Timer0 module is an 8-bit timer/counter with the
following features:
• 8-bit timer/counter register (TMR0)
• 8-bit prescaler (independent of Watchdog Timer)
• Programmable internal or external clock source
• Programmable external clock edge selection
• Interrupt on overflow
Figure 16-1 is a block diagram of the Timer0 module.
16.1
Timer0 Operation
The Timer0 module can be used as either an 8-bit timer
or an 8-bit counter.
16.1.1
8-BIT TIMER MODE
The Timer0 module will increment every instruction
cycle, if used without a prescaler. 8-Bit Timer mode is
selected by clearing the T0CS bit of the OPTION_REG
register.
When TMR0 is written, the increment is inhibited for
two instruction cycles immediately following the write.
16.1.2
8-BIT COUNTER MODE
In 8-Bit Counter mode, the Timer0 module will increment
on every rising or falling edge of the T0CKI pin.
8-Bit Counter mode using the T0CKI pin is selected by
setting the T0CS bit in the OPTION_REG register to ‘1’.
The rising or falling transition of the incrementing edge
for the external input source is determined by the T0SE
bit in the OPTION_REG register.
FIGURE 16-1:
BLOCK DIAGRAM OF THE TIMER0 PRESCALER
Note:
The value written to the TMR0 register
can be adjusted, in order to account for
the two instruction cycle delay when
TMR0 is written.
T0CKI
T0SE
TMR0
PS<2:0>
Data Bus
Set Flag bit TMR0IF
on Overflow
T0CS
0
1
0
1
8
8
8-bit
Prescaler
FOSC/4
PSA
SYNC
2 TCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com