| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10LF320T-IMCSQTP bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10LF320T-IMCSQTP bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 210 page ![]() PIC10(L)F320/322 DS41585A-page 4 Preliminary 2011 Microchip Technology Inc. FIGURE 1: 6-PIN DIAGRAM, PIC10(L)F320/322 FIGURE 2: 8-PIN DIAGRAM, PIC10(L)F320/322 TABLE 2: 6 AND 8-PIN ALLOCATION TABLE (PIC10(L)F320/322) TABLE 1: PIC10(L)F320/322 FEATURE SUMMARY Device Program Memory Flash (words) SRAM (bytes) I/O(1) 8-bit A/D (ch) CLC 10-bit PWM Timers 8-bit NCO CWG PIC10F320 256 64 4 3 1 2 2 1 1 PIC10LF320 256 64 4 3 1 2 2 1 1 PIC10F322 512 64 4 3 1 2 2 1 1 PIC10LF322 512 64 4 3 1 2 2 1 1 Note 1: One pin is input-only. I/O 6-Pin 8-Pin Analog Timer PWM Interrupts Pull-ups CWG NCO CLC Basic ICSP RA0 1 5 AN0 — PWM1 IOC0 Y CWG1A — CLC1IN1 — ICSPDAT RA1 3 4 AN1 — PWM2 IOC1 Y CWG1B NCO1CLK CLC1 CLKIN ICSPCLK RA2 4 3 AN2 T0CKI — INT/IOC2 Y CWG1FLT NCO1 CLC1IN2 CLKR RA3 6 8 — — — IOC3 Y — — — MCLR VPP N/C — 1 — — — — — — — — — — N/C — 6 — — — — — — — — — — VDD 5 2 — — — — — — — — VDD — VSS 27 — — — — — — — — VSS — 1 2 3 4 5 6 PIC10(L)F320 PIC10(L)F322 RA3/MCLR/VPP VDD RA2 ICSPCLK/RA1 ICSPDAT/RA0 VSS SOT-23 1 2 3 4 5 6 7 8 RA3/MCLR/VPP VSS N/C RA0/ICSPDAT ICSPCLK/RA1 N/C VDD RA2 PDIP, DFN |