công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1508 bảng dữ liệu(PDF) 153 Page - Microchip Technology

tên linh kiện F1508
Giải thích chi tiết về linh kiện  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1508 bảng dữ liệu(HTML) 153 Page - Microchip Technology

Back Button F1508 Datasheet HTML 149Page - Microchip Technology F1508 Datasheet HTML 150Page - Microchip Technology F1508 Datasheet HTML 151Page - Microchip Technology F1508 Datasheet HTML 152Page - Microchip Technology F1508 Datasheet HTML 153Page - Microchip Technology F1508 Datasheet HTML 154Page - Microchip Technology F1508 Datasheet HTML 155Page - Microchip Technology F1508 Datasheet HTML 156Page - Microchip Technology F1508 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 153
PIC16(L)F1508/9
17.0 COMPARATOR MODULE
Comparators are used to interface analog circuits to a
digital circuit by comparing two analog voltages and
providing a digital indication of their relative magnitudes.
Comparators are very useful mixed signal building
blocks because they provide analog functionality
independent of program execution. The analog
comparator module includes the following features:
• Independent comparator control
• Programmable input selection
• Comparator output is available internally/externally
• Programmable output polarity
• Interrupt-on-change
• Wake-up from Sleep
• Programmable Speed/Power optimization
•PWM shutdown
• Programmable and fixed voltage reference
17.1
Comparator Overview
A single comparator is shown in Figure 17-2 along with
the relationship between the analog input levels and
the digital output. When the analog voltage at VIN+ is
less than the analog voltage at VIN-, the output of the
comparator is a digital low level. When the analog
voltage at VIN+ is greater than the analog voltage at
VIN-, the output of the comparator is a digital high level.
The comparators available for this device are listed in
Table 17-1.
FIGURE 17-1:
COMPARATOR MODULE SIMPLIFIED BLOCK DIAGRAM
TABLE 17-1:
AVAILABLE COMPARATORS
Device
C1
C2
PIC16(L)F1509
●●
PIC16(L)F1508
●●
Rev. 10-000027A
8/5/2013
000
CxIN0-
CxIN1-
CxIN2-
CxIN3-
00
01
10
11
CxIN+
FVR_buffer2
DAC_out
+
CxVN
CxVP
CxPCH<1:0>
CxNCH<2:0>
2
3
CxON
(1)
CxON
(1)
CxON
(1)
CxSP CxHYS
Interrupt
Rising
Edge
Q1
CxINTP
CxINTN
CxOUT
MCxOUT
CxOUT_async
DQ
0
1
CxSYNC
set bit
CxIF
TRIS bit
CxOUT
CxOUT_sync
to
peripherals
CxOE
-
Interrupt
Falling
Edge
Note 1:
When CxON =
0, all multiplexer inputs are disconnected and the Comparator will produce a ‘0’ at the output.
FVR_buffer2
CxPOL
Cx
(From Timer1 Module) T1CLK
001
010
011
100
DQ
to
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com