công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1508 bảng dữ liệu(PDF) 150 Page - Microchip Technology

tên linh kiện F1508
Giải thích chi tiết về linh kiện  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1508 bảng dữ liệu(HTML) 150 Page - Microchip Technology

Back Button F1508 Datasheet HTML 146Page - Microchip Technology F1508 Datasheet HTML 147Page - Microchip Technology F1508 Datasheet HTML 148Page - Microchip Technology F1508 Datasheet HTML 149Page - Microchip Technology F1508 Datasheet HTML 150Page - Microchip Technology F1508 Datasheet HTML 151Page - Microchip Technology F1508 Datasheet HTML 152Page - Microchip Technology F1508 Datasheet HTML 153Page - Microchip Technology F1508 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 150
 2011-2013 Microchip Technology Inc.
16.1
Output Voltage Selection
The DAC has 32 voltage level ranges. The 32 levels
are set with the DACR<4:0> bits of the DACxCON1
register.
The DAC output voltage can be determined by using
Equation 16-1.
16.2
Ratiometric Output Level
The DAC output value is derived using a resistor ladder
with each end of the ladder tied to a positive and
negative voltage reference input source. If the voltage
of either input source fluctuates, a similar fluctuation will
result in the DAC output value.
The value of the individual resistors within the ladder
can be found in Table 29-16.
16.3
DAC Voltage Reference Output
The unbuffered DAC voltage can be output to the
DACxOUTn pin(s) by setting the respective DACOEn
bit(s) of the DACxCON0 register. Selecting the DAC
reference voltage for output on either DACxOUTn pin
automatically overrides the digital output buffer, the
weak pull-up and digital input threshold detector
functions of that pin.
Reading the DACxOUTn pin when it has been
configured for DAC reference voltage output will
always return a ‘0’.
16.4
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the DACxCON0 register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
16.5
Effects of a Reset
A device Reset affects the following:
• DACx is disabled.
•DACX output voltage is removed from the
DACxOUTn pin(s).
• The DACR<4:0> range select bits are cleared.
EQUATION 16-1:
DAC OUTPUT VOLTAGE
Note:
The unbuffered DAC output (DACxOUTn)
is not intended to drive an external load.
IF DACEN = 1
DACx_output
VSOURCE+VSOURCE-
–
 DACR 4:0

2
5
-----------------------------


VSOURCE-
+
=
Note:
See the DACxCON0 register for the available VSOURCE+ and VSOURCE- selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com