| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F1508 bảng dữ liệu(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
F1508 bảng dữ liệu(HTML) 63 Page - Microchip Technology |
|
63 / 418 page ![]() 2011-2013 Microchip Technology Inc. DS40001609C-page 63 PIC16(L)F1508/9 6.0 RESETS There are multiple ways to reset this device: • Power-On Reset (POR) • Brown-Out Reset (BOR) • Low-Power Brown-Out Reset (LPBOR) •MCLR Reset •WDT Reset • RESET instruction • Stack Overflow • Stack Underflow • Programming mode exit To allow VDD to stabilize, an optional power-up timer can be enabled to extend the Reset time after a BOR or POR event. A simplified block diagram of the On-chip Reset Circuit is shown in Figure 6-1. FIGURE 6-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT Device Reset Power-on Reset WDT Time-out Brown-out Reset LPBOR Reset RESET Instruction MCLRE Sleep BOR Active (1) PWRTE LFINTOSC VDD ICSP™ Programming Mode Exit Stack Underflow Stack Overlfow VPP/MCLR R Power-up Timer Rev. 10-000006A 8/14/2013 Note 1: See Table 6-1 for BOR active conditions. |