| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6S92 bảng dữ liệu(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6S92 bảng dữ liệu(HTML) 24 Page - Microchip Technology |
|
24 / 40 page ![]() 2004 Microchip Technology Inc. DS21908A-page 24 MCP6S91/2/3 5.2.4 CHANGING THE CHANNEL If the Instruction register is programmed to address the Channel register, the multiplexed inputs of the MCP6S92 and MCP6S93 can be changed using Register 5-3. REGISTER 5-3: CHANNEL REGISTER U-x U-x U-x U-x U-x U-x U-x W-0 — — — — — — —C0 bit 7 bit 0 bit 7-1 Unimplemented: Read as ‘0’ (reserved for future use) bit 0 C0: Channel Select bit 0 = 1 = MCP6S91 CH0 CH0 MCP6S92 CH0 CH1 MCP6S93 CH0 CH1 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |