công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2010 bảng dữ liệu(PDF) 88 Page - Microchip Technology

tên linh kiện DSPIC30F2010
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 bảng dữ liệu(HTML) 88 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 84Page - Microchip Technology DSPIC30F2010 Datasheet HTML 85Page - Microchip Technology DSPIC30F2010 Datasheet HTML 86Page - Microchip Technology DSPIC30F2010 Datasheet HTML 87Page - Microchip Technology DSPIC30F2010 Datasheet HTML 88Page - Microchip Technology DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology DSPIC30F2010 Datasheet HTML 90Page - Microchip Technology DSPIC30F2010 Datasheet HTML 91Page - Microchip Technology DSPIC30F2010 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 86
© 2007 Microchip Technology Inc.
14.1
Quadrature Encoder Interface
Logic
A typical, incremental (a.k.a. optical) encoder has three
outputs: Phase A, Phase B and an index pulse. These
signals are useful and often required in position and
speed control of ACIM and SR motors.
The two channels, Phase A (QEA) and Phase B (QEB),
have a unique relationship. If Phase A leads Phase B,
then the direction (of the motor) is deemed positive or
forward. If Phase A lags Phase B, then the direction (of
the motor) is deemed negative or reverse.
A third channel, termed index pulse, occurs once per
revolution and is used as a reference to establish an
absolute position. The index pulse coincides with
Phase A and Phase B, both low.
14.2
16-bit Up/Down Position Counter
Mode
The 16-bit Up/Down Counter counts up or down on
every count pulse, which is generated by the difference
of the Phase A and Phase B input signals. The counter
acts as an integrator, whose count value is proportional
to position. The direction of the count is determined by
the UPDN signal which is generated by the Quadrature
Encoder Interface Logic.
14.2.1
POSITION COUNTER ERROR
CHECKING
Position counter error checking in the QEI is provided
for and indicated by the CNTERR bit (QEICON<15>).
The error checking only applies when the position
counter is configured for Reset on the Index Pulse
modes (QEIM<2:0> = 110 or 100). In these modes, the
contents of the POSCNT register are compared with
the values (0xFFFF or MAXCNT + 1, depending on
direction). If these values are detected, an error condi-
tion is generated by setting the CNTERR bit and a QEI
count error interrupt is generated. The QEI count error
interrupt can be disabled by setting the CEID bit
(DFLTCON<8>). The position counter continues to
count encoder edges after an error has been detected.
The POSCNT register continues to count up/down until
a natural rollover/underflow. No interrupt is generated
for the natural rollover/underflow event. The CNTERR
bit is a read/write bit and reset in software by the user.
14.2.2
POSITION COUNTER RESET
The Position Counter Reset Enable bit, POSRES
(QEICON<2>) controls whether the position counter is
reset when the index pulse is detected. This bit is only
applicable when QEIM<2:0> = 100 or 110.
If the POSRES bit is set to ‘1’, then the position counter
is reset when the index pulse is detected. If the
POSRES bit is set to ‘0’, then the position counter is not
reset when the index pulse is detected. The position
counter will continue counting up or down and will be
reset on the rollover or underflow condition.
When selecting the INDX signal to reset the position
counter (POSCNT), the user has to specify the states
on the QEA and QEB input pins. These states have to
be matched in order for a Reset to occur. These states
are selected by the IMV<1:0> bits (DFLTCON<10:9>).
The Index Match Value bits (IMV<1:0>) allow the user
to specify the state of the QEA and QEB input pins,
during an index pulse, when the POSCNT register is to
be reset.
In 4x Quadrature Count mode:
IMV1 = Required state of Phase B input signal for
match on index pulse
IMV0 = Required state of Phase A input signal for
match on index pulse
In 2x Quadrature Count mode:
IMV1 = Selects phase input signal for index state
match (0 = Phase A, 1 = Phase B)
IMV0 = Required state of the selected phase input
signal for match on index pulse
The interrupt is still generated on the detection of the
index pulse and not on the position counter overflow/
underflow.
14.2.3
COUNT DIRECTION STATUS
As mentioned in the previous section, the QEI logic
generates an UPDN signal, based upon the relation-
ship between Phase A and Phase B. In addition to the
output pin, the state of this internal UPDN signal is
supplied to an SFR bit, UPDN (QEICON<11>), as a
read-only bit.
Note:
QEI pins are multiplexed with analog
inputs. The user must insure that all QEI
associated pins are set as digital inputs in
the ADPCFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com