| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2010 bảng dữ liệu(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 bảng dữ liệu(HTML) 62 Page - Microchip Technology |
|
62 / 236 page ![]() TABLE 8-2: dsPIC30F4012 PORT REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISB 02C6 — — — — — — — — — — TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 0000 0000 0011 1111 PORTB 02C8 — — — — — — — — — — RB5 RB4 RB3 RB2 RB1 RB0 0000 0000 0000 0000 LATB 02CB — — — — — — — — — — LATB5 LATB4 LATB3 LATB2 LATB1 LATB0 0000 0000 0000 0000 TRISC 02CC TRISC15 TRISC14 TRISC13 — — — — — — — — — — — — — 1110 0000 0000 0000 PORTC 02CE RC15 RC14 RC13 — — — — — — — — — — — — — 0000 0000 0000 0000 LATC 02D0 LATC15 LATC14 LATC13 — — — — — — — — — — — — — 0000 0000 0000 0000 TRISD 02D2 — — — — — — — — — — — — — — TRISD1 TRISD0 0000 0000 0000 0011 PORTD 02D4 — — — — — — — — — — — — — — RD1 RD0 0000 0000 0000 0000 LATD 02D6 — — — — — — — — — — — — — —LATD1 LATD0 0000 0000 0000 0000 TRISE 02D8 — — — — — — —TRISE8 — — TRISE5 TRISE4 TRISE3 TRISE2 TRISE1 TRISE0 0000 0001 0011 1111 PORTE 02DA — — — — — — —RE8 — — RE5 RE4 RE3 RE2 RE1 RE0 0000 0000 0000 0000 LATE 02DC — — — — — — —LATE8 — — LATE5 LATE4 LATE3 LATE2 LATE1 LATE0 0000 0000 0000 0000 TRISF 02EE — — — — — — — — — — — — TRISF3 TRISF2 — — 0000 0000 0000 1100 PORTF 02E0 — — — — — — — — — — — —RF3 RF2 — — 0000 0000 0000 0000 LATF 02E2 — — — — — — — — — — — — LATF3 LATF2 — — 0000 0000 0000 0000 Legend: u = uninitialized bit Note: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |