| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635ESS bảng dữ liệu(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635ESS bảng dữ liệu(HTML) 61 Page - Microchip Technology |
|
61 / 234 page ![]() © 2007 Microchip Technology Inc. DS41232D-page 59 PIC12F635/PIC16F636/639 4.3.6 RC4/C2OUT Figure 4-9 shows the diagram for this pin. The RC4 pin is configurable to function as one of the following: • a general purpose I/O • a digital output from the comparator FIGURE 4-9: BLOCK DIAGRAM OF RC4 TABLE 4-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTC I/O pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC RD PORTC 0 1 C2OUT Enable C2OUT Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR, WUR Value on all other Resets PORTC — — RC5 RC4 RC3 RC2 RC1 RC0 --xx xx00 --uu uu00 CMCON0 C2OUT C1OUT C2INV C1INV CIS CM2 CM1 CM0 0000 0000 0000 0000 TRISC — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 --11 1111 --11 1111 Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA. |