| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635ESS bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635ESS bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 2 © 2007 Microchip Technology Inc. Device Program Memory Data Memory I/O Comparators Low Frequency Analog Front-End Flash (words) SRAM (bytes) EEPROM (bytes) PIC12F635 1024 64 128 6 1 N PIC16F636 2048 128 256 12 2 N PIC16F639 2048 128 256 12 2 Y Note 1: Any references to PORTA, RAn, TRISA and TRISAn refer to GPIO, GPn, TRISIO and TRISIOn, respectively. 2: VDDT is the supply voltage of the Analog Front-End section (PIC16F639 only). VDDT is treated as VDD in this document unless otherwise stated. 3: VSST is the ground reference voltage of the Analog Front-End section (PIC16F639 only). VSST is treated as VSS in this document unless otherwise stated. |