| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635ESS bảng dữ liệu(PDF) 60 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635ESS bảng dữ liệu(HTML) 60 Page - Microchip Technology |
|
60 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 58 © 2007 Microchip Technology Inc. 4.3.1 RC0/C2IN+ Figure 4-7 shows the diagram for this pin. The RC0 pin is configurable to function as one of the following: • a general purpose I/O • an analog input to the comparator 4.3.2 RC1/C2IN- Figure 4-7 shows the diagram for this pin. The RC1 pin is configurable to function as one of the following: • a general purpose I/O • an analog input to the comparator 4.3.3 RC2 Figure 4-8 shows the diagram for this pin. The RC2 pin is configurable to function as a general purpose I/O. 4.3.4 RC3 Figure 4-8 shows the diagram for this pin. The RC3 pin is configurable to function as a general purpose I/O. 4.3.5 RC5 Figure 4-8 shows the diagram for this pin. The RC5 pin is configurable to function as a general purpose I/O. FIGURE 4-7: BLOCK DIAGRAM OF RC0 AND RC1 FIGURE 4-8: BLOCK DIAGRAM OF RC2, RC3 AND RC5 I/O pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC RD PORTC Analog Input Mode To Comparators I/O pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC RD PORTC |