| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM300018 bảng dữ liệu(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 bảng dữ liệu(HTML) 75 Page - Microchip Technology |
|
75 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 69 Chapter 11. Using the dsPIC30F4011 11.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F4011 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F4011 device in a 40-pin PDIP package, as shown in Figure 11-1. This device provides nine 10-bit A/D (500 ksps) channels, two UARTs, an SPI module, an I2C module, a CAN module and 30 I/O pins. A sample application program provides a software baseline for building your own embedded solution. FIGURE 11-1: 40-PIN PDIP dsPIC30F4011 11.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F4011 Sample Application • Device Programming • Observing the Sample Application • In-Circuit Debugging • Summary 11.3 BOARD SETUP FOR THE dsPIC30F4011 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F4011device to support the dsPIC30F4011 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board for the sample application. U2A1 AN7/RB7 AN6/OCFA/RB6 C1RX/RF0 C1TX/RF1 OC3/RD2 EMUC2/OC1/IC1/INT1/RD0 AN8/RB8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 MCLR VDD VSS EMUD2/OC2/IC2/INT2/RD1 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 OSC2/CLKO/RC15 OSC1/CLKIN PWM1L/RE0 PWM1H/RE1 PWM2L/RE2 PWM2H/RE3 PWM3H/RE5 AVDD AVSS OC4/RD3 VSS VDD SCK1/RF6 PGC/EMUC/U1RX/SDI1/SDA/RF2 PGD/EMUD/U1TX/SDO1/SCL/RF3 PWM3L/RE4 VDD U2RX/CN17/RF4 U2TX/CN18/RF5 AN4/QEA/IC7/CN6/RB4 AN2/SS1/CN4/RB2 EMUC3/AN1/VREF-/CN3/RB1 EMUD3/AN0/VREF+/CN2/RB0 AN5/QEB/IC8/CN7/RB5 FLTA/INT0/RE8 VSS AN3/INDX/CN5/RB3 |