| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM300018 bảng dữ liệu(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 bảng dữ liệu(HTML) 57 Page - Microchip Technology |
|
57 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 51 Chapter 8. Using the dsPIC30F3012 8.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F3012 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F3012 device in an 18-pin PDIP package, as shown in Figure 8-1. This device provides eight 12-bit A/D (100 ksps) channels, a UART, an SPI module, an I2C module and 12 I/O pins. A sample applica- tion program provides a software baseline for building your own embedded solution. FIGURE 8-1: 18-PIN PDIP dsPIC30F3012 8.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F3012 Sample Application • Device Programming • Observing the Sample Application • In-Circuit Debugging • Summary 8.3 BOARD SETUP FOR THE dsPIC30F3012 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F3012 device to support the dsPIC30F3012 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board for the sample application. 1. Disconnect the power source. 2. Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2 Development Board. 3. Plug the dsPIC30F3012 into socket U1C1. 4. Configure the hardware components as shown in Table 8-1. U1C1 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 OSC1/CLKI VDD OSC2/CLKO/RC15 PGD/EMUD/AN4/U1TX/SDO1/SCL/CN6/RB4 AVDD PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5 EMUD2/AN7/OC2/IC2/INT2/RB7 EMUD3\AN0/VREF+/CN2/RB0 VSS AN6/SCK1/INT0/OCFA/RB6 AVSS EMUD3\AN1/VREF-/CN3/RB1 AN2/SS1/LVDIN/CN4/RB2 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 EMUC2/OC1/IC1/INT1/RD0 AN3/CN5/RB3 MCLR |