công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS445P bảng dữ liệu(PDF) 12 Page - Honeywell Solid State Electronics Center

tên linh kiện SS445P
Giải thích chi tiết về linh kiện  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS445P bảng dữ liệu(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button SS445P Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 11Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 12Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 13Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
sensing.honeywell.com
Benefits:
Low gauss operation (25 G
max.) extends sensing distance to one
inch or more, depending on size. Potential
polarity independent applications include
presence/absence detection, lid sensor
for laptop computers, position sensing for
material handling equipment, and cylinder
position sensing in pneumatic cylinders.
SS552MT.
Features:
Magnetorestive • Omnipolar
magnetics • Sinking output • Low gauss
operation (25 G max.) • Operating speed
of 0 kHz to over 100 kHz • Small, surface
mount package • Tape and reel
Benefits:
Low gauss operation (25
G max.) extends sensing distance to
one inch or more, depending on size.
Small, surface-mount package allows
automated, lower-cost assembly. Potential
polarity independent applications include
presence/absence detection, lid sensor
for laptop computers, position sensing for
material handling equipment, and cylinder
position sensing in pneumatic cylinders.
VF401.
Features:
2-wire digital current output
• Wide speed capability • One pulse per
pole pair output and differential bridge
operation • Output pattern independent of
gap between target and sensor
• Improved insensitivity to run-out, tilt and
twist • Enhanced sensitivity • Reverse
polarity protection • Miniature, TO-92-style
plastic package
Benefits:
High performance, digital,
2-wire, magnetoresistive sensor in
a miniature, flat, TO-92-style plastic
package with a current output designed
for sensing fine pitch ring magnets. Wide
speed capability provides application
flexibility with true zero speed sensing
and operation up to 3000 Hz. One pulse
per pole pair output and differential
bridge operation allow compatibility with
differential Hall sensors, making it easier to
upgrade existing applications. Enhanced
sensitivity, ±7 Gauss typical allows for
larger air gaps (up to 2,5 mm [0.098 in])
and higher pole density (up to 50-pole
pairs depending on ring diameter).
Patented bridge array optimized to allow a
greater air gap between the target and the
sensor with reduced loss in sensor signal
or accuracy. Potential applications include
wheel speed sensing and shaft speed
encoding using a multipole ring magnet
in a wide variety of off road transportation,
industrial and medical equipment.
APS00B.
Features:
Dual bridges with outputs 45°
out of phase • Wide, angular range • Low
resolution capability • Absolute sensing
• Typical 0 MHz to 5 MHz frequency
response • Low power requirements
• Small, surface mount package (8 Pin
SOIC) • Tape and reel
Benefits:
Wide, angular range allows
measurements of ±90° without additional
components; measurements of ±180° are
possible with external components. Dual
Wheatstone bridges provide passive,
low-noise design, enhancing system
performance. Outputs 45° out of phase
may be used as speed and direction
signals. Resolution capability of less than
0.05° enhances overall system accuracy.
Absolute sensing means no indexing is
required and the exact target position
is known, simplifying system design.
Typical 0 MHz to 5 MHz frequency
response with 190 G minimum magnetic
field applied makes this saturated mode
sensor suitable for potential high speed
applications. Measures only field direction
and is virtually unaffected by shock,
vibration and magnetic-source gap
variations for stable and reliable output.
Small, surface-mount package saves room
on PC board when compared to larger
IC packages and components. Tape and
reel configuration (two sizes available)
allows use with automated pick-and-place
equipment, potentially reducing assembly
costs. Honeywell APS00A instrumentation
amplifier available separately for
additional signal processing. Potential
applications include high-accuracy
angular position, speed and angle, and
displacement sensing in a wide variety
of off road transportation, medical and
industrial equipment.
VALUE-ADDED hALL-EFFEcT
SEnSoRS
103SR Series (Digital).
Features:
Unipolar, bipolar, latching
magnetics • Sinking or sourcing output
• Aluminum housing • Color-coded,
jacketed cable • Adjustable mounting
Benefits:
Rugged, threaded aluminum
housing. Choice of cable materials
provides application flexibility. Potential
applications include position and RPM
sensing in non-corrosive applications.
103SR Series (Linear).
Features:
Linear magnetics • Ratiometric
sinking/sourcing output • Aluminum
housing • Color-coded, jacketed cable
• Adjustable mounting
Benefits:
Rugged, threaded aluminum
housing. Choice of cable materials provides
application flexibility. Potential applications
include position and RPM sensing in non-
corrosive applications.
1GT Series.
Features:
Sinking output • Fast operating
speed • Reverse polarity and transient
protection • EMI resistant • Wide
continuous operating temperature range
Benefits:
Magnetically-biased, Hall-effect
integrated circuit accurately senses
movement of ferrous metal targets. Sealed
in probe-style package for physical
protection and cost-effective installation.
Internal circuitry prevents sensor
damage in case supply voltage polarity
is accidentally reversed. Enhanced low
speed performance, output amplitude not
dependent on RPM. Sensor electronically
self-adjusts to slight variations in runout
and temperature, simplifying installation
and maintenance. Potential applications
include camshaft and crankshaft speed
and position, transmission speed, and
tachometer, as well as anti-skid and
traction control.
SR16/SR17 Series.
Features:
Sinking output • Non-contact
position sensing • Compact, robust
packages • Environmentally sealed
package • Three terminations available
Benefits:
Internal magnet and Hall-
effect sensor mounted in dual tower or
side mount configuration for application
flexibility. Mechanically interchangeable
with standard optical sensors. Medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com