| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS445P bảng dữ liệu(PDF) 6 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
SS445P bảng dữ liệu(HTML) 6 Page - Honeywell Solid State Electronics Center |
|
6 / 14 page ![]() 6 sensing.honeywell.com Magnetic Sensors Line Guide SR3 Series SR4 Series Description Hall-effect digital position sensor magnetoresistive digital position sensor Package material and style plastic threaded barrel plastic threaded barrel Magnetic actuation unipolar, bipolar omnipolar Operation proximity to external magnet proximity to external magnet Supply voltage range 4.5 Vdc to 24 Vdc 3.8 Vdc to 30 Vdc Supply current 10 mA 11 mA Output type digital sinking digital sinking Operating temperature range -40 °C to 85 °C [-40 °F to 185 °F] -40 °C to 85 °C [-40 °F to 185 °F] Value-added hall- effect sensors 1GT Series SR16/SR17 Series Description Hall-effect sensor low-cost Hall-effect vane sensor Package material and style plastic probe SR16: plastic dual tower with variety of terminations SR17: plastic side-mount wire exit Magnetic actuation – – Operation ferrous metal actuator ferrous metal actuator Supply voltage range 4.5 Vdc to 26.5 Vdc (inclusive) 3.8 Vdc to 30 Vdc Supply current 20 mA max. 10 mA max. Output type digital sinking digital sinking Operating temperature range -40 °C to 150 °C [-40 °F to 302 °F] -20 °C to 85 °C [-4 °F to 185 °F] Value-added hall- effect sensors 103SR Series (Digital) 103SR Series (Linear) Description Hall-effect digital position sensor Hall-effect linear position sensor Package material and style aluminum threaded barrel aluminum threaded barrel Magnetic actuation unipolar, bipolar, latching linear Operation proximity to external magnet proximity to external magnet Supply voltage range 4.5 Vdc to 24 Vdc 4.5 Vdc to 10.5 Vdc Supply current 4 mA to 10 mA (inclusive) 7 mA Output type digital sinking ratiometric sinking/sourcing Operating temperature range -40 °C to 100 °C [-40 °F to 212 °F] -40 °C to 100 °C [-40 °F to 212 °F] Value-added hall- effect sensors |