công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS445P bảng dữ liệu(PDF) 8 Page - Honeywell Solid State Electronics Center

tên linh kiện SS445P
Giải thích chi tiết về linh kiện  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS445P bảng dữ liệu(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button SS445P Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 11Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
sensing.honeywell.com
VRS high Temperature Series
VRS Power output Series
Output voltage range
4.7 Vp-p to 125 Vp-p (inclusive)
70 Vp-p (inclusive)
Housing diameter
5/8 in, 3/8 in, 1/4 in
5/8 in
Housing material and style
stainless steel threaded
stainless steel threaded
Termination
MS3106 connector, preleaded
MS3106 connector, preleaded
Operating temperature range
-73 °C to 230 °C [-100 °F to 450 °F] (inclusive)
-55 °C to 120 °C [-67 °F to 250 °F]
Variable reluctance
speed sensors
VRS high output Series
VRS high Resolution Series
Output voltage range
8 Vp-p to 190 Vp-p (inclusive)
17 Vp-p to 170 Vp-p
Housing diameter
5/8 in, 3/8 in
5/8 in, 3/8 in
Housing material and style
stainless steel threaded or smooth
stainless steel threaded
Termination
MS3106 connector, preleaded
MS3106 connector, preleaded
Operating temperature range
-55 °C to 150 °C [-67 °F to 300 °F] (inclusive)
-55 °C to 120 °C [-67 °F to 250 °F]
Variable reluctance
speed sensors
VRS General Purpose Series
VRS hazardous Location Series
Output voltage range
8 Vp-p to 40 Vp-p (inclusive)
30 Vp-p to 60 Vp-p (inclusive)
Housing diameter
5/8 in, 3/8 in, 1/4 in, 10/32 in
3/4 in, 5/8 in
Housing material and style
stainless steel threaded or smooth
stainless steel threaded
Termination
MS3106 connector, preleaded
MS3106 connector, preleaded
Operating temperature range
-55 °C to 120 °C [-67 °F to 250 °F] (inclusive)
-73 °C to 120 °C [-100 °F to 250 °F] (inclusive)
Variable reluctance
speed sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com