| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548ECHXATJA bảng dữ liệu(PDF) 133 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECHXATJA bảng dữ liệu(HTML) 133 Page - Freescale Semiconductor, Inc |
|
133 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 Freescale Semiconductor 133 Clocking 20.3 e500 Core PLL Ratio This table describes the clock ratio between the e500 core complex bus (CCB) and the e500 core clock. This ratio is determined by the binary value of LBCTL, LALE, and LGPL2 at power up, as shown in this table. 20.4 Frequency Options Table 83This table shows the expected frequency values for the platform frequency when using a CCB clock to SYSCLK ratio in comparison to the memory bus clock speed. Table 82. e500 Core to CCB Clock Ratio Binary Value of LBCTL, LALE, LGPL2 Signals e500 core:CCB Clock Ratio Binary Value of LBCTL, LALE, LGPL2 Signals e500 core:CCB Clock Ratio 000 4:1 100 2:1 001 9:2 101 5:2 010 Reserved 110 3:1 011 3:2 111 7:2 Table 83. Frequency Options of SYSCLK with Respect to Memory Bus Speeds CCB to SYSCLK Ratio SYSCLK (MHz) 16.66 25 33.33 41.66 66.66 83 100 111 133.33 Platform/CCB Frequency (MHz) 2 3 333 400 4 333 400 445 533 5 333 415 500 6 400 500 8 333 533 9 375 10 333 417 12 400 500 16 400 533 20 333 500 Note: Due to errata Gen 13 the max sys clk frequency must not exceed 100 MHz if the core clk frequency is below 1200 MHz. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |