| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548ECHXATJA bảng dữ liệu(PDF) 136 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECHXATJA bảng dữ liệu(HTML) 136 Page - Freescale Semiconductor, Inc |
|
136 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 136 Freescale Semiconductor System Design Information level must always be equivalent to VDD, and preferably these voltages are derived directly from VDD through a low frequency filter scheme such as the following. There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to provide independent filter circuits per PLL power supply as illustrated in Figure 57, one to each of the AVDD pins. By providing independent filters to each PLL the opportunity to cause noise injection from one PLL to the other is reduced. This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz range. It must be built with surface mount capacitors with minimum Effective Series Inductance (ESL). Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a single large value capacitor. Each circuit must be placed as close as possible to the specific AVDD pin being supplied to minimize noise coupled from nearby circuits. It must be routed directly from the capacitors to the AVDD pin, which is on the periphery of the footprint, without the inductance of vias. Figure 57 through Figure 59 shows the PLL power supply filter circuits. Figure 57. PLL Power Supply Filter Circuit with PLAT Pins Figure 58. PLL Power Supply Filter Circuit with CORE Pins Figure 59. PLL Power Supply Filter Circuit with PCI/LBIU Pins The AVDD_SRDS signal provides power for the analog portions of the SerDes PLL. To ensure stability of the internal clock, the power supplied to the PLL is filtered using a circuit similar to the one shown in following figure. For maximum effectiveness, the filter circuit is placed as closely as possible to the AVDD_SRDS ball to ensure it filters out as much noise as possible. The ground connection must be near the AVDD_SRDS ball. The 0.003-µF capacitor is closest to the ball, followed by the two 2.2 µF capacitors, and finally the 1 resistor to the board supply plane. The capacitors are connected from AV DD_SRDS to VDD AVDD_PLAT 2.2 µF 2.2 µF GND Low ESL Surface Mount Capacitors 150 VDD AVDD_CORE 2.2 µF 2.2 µF GND Low ESL Surface Mount Capacitors 180 VDD AVDD_PCI/AVDD_LBIU 2.2 µF 2.2 µF GND Low ESL Surface Mount Capacitors 10 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |