| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC826XAVV bảng dữ liệu(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC826XAVV bảng dữ liệu(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 50 page ![]() MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 2.0 20 Freescale Semiconductor Electrical and Thermal Characteristics Figure 9 shows the interaction of several bus signals. Figure 9. Bus Signals Figure 10 shows signal behavior for all parity modes (including ECC, RMW parity, and standard parity). Figure 10. Parity Mode Diagram CLKin AACK/ARTRY/TA/TS/TEA/ DATA bus normal mode All other input signals PSDVAL/TEA/TA output signals ADD/ADD_atr/BADDR/CI/ DATA bus output signals All other output signals sp11 sp12 sp15 sp10 sp10 sp10 sp30 sp30 sp30 sp30 sp32 sp33a sp35 DBG/BG/BR input signals GBL/WT output signals sp31 input signal CLKin DATA bus, ECC, and PARITY mode input signals DP mode input signal DP mode output signal sp13 sp10 sp14 sp10 sp33b/sp30 |