công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8536AT bảng dữ liệu(PDF) 52 Page - NXP Semiconductors

tên linh kiện PCF8536AT
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT bảng dữ liệu(HTML) 52 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 48Page - NXP Semiconductors PCF8536AT Datasheet HTML 49Page - NXP Semiconductors PCF8536AT Datasheet HTML 50Page - NXP Semiconductors PCF8536AT Datasheet HTML 51Page - NXP Semiconductors PCF8536AT Datasheet HTML 52Page - NXP Semiconductors PCF8536AT Datasheet HTML 53Page - NXP Semiconductors PCF8536AT Datasheet HTML 54Page - NXP Semiconductors PCF8536AT Datasheet HTML 55Page - NXP Semiconductors PCF8536AT Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
PCF8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
52 of 74
NXP Semiconductors
PCF8536
Universal LCD low multiplex driver with 6 channel PWM generator
Data transfers are terminated by de-asserting CE (set CE to logic 1).
Fig 39. SPI-bus write example
EXAMPLES
a) transmit two bytes of display RAM data
013aaa465
00 1
control byte
subaddress
RAM/command byte
RAM DATA
M
S
B
L
S
B
R/W = 0
00 1
0
1
b) transmit two command bytes
COMMAND
00 1
1 0
COMMAND
c) transmit one command byte and two display RAM date bytes
00
C
O
R
S
1
R
S
0
0
00
COMMAND
00 1
1 0
00
01
RAM DATA
RAM DATA
RAM DATA
In this example, the bias system is set to 1⁄3. The transfer is terminated by CE returning to logic 1. After the last bit is
transmitted, the state of the SDI line is not important.
Fig 40. SPI-bus example
013aaa466
command byte
Bias sytem = 1/3 B[1:0] = 11
unused
R/W
SA
SCL
SDI
CE
b7
1
b6
0
b5
1
b4
0
b3
0
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74