công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 209 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 209 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 205Page - Texas Instruments DM3725CUS Datasheet HTML 206Page - Texas Instruments DM3725CUS Datasheet HTML 207Page - Texas Instruments DM3725CUS Datasheet HTML 208Page - Texas Instruments DM3725CUS Datasheet HTML 209Page - Texas Instruments DM3725CUS Datasheet HTML 210Page - Texas Instruments DM3725CUS Datasheet HTML 211Page - Texas Instruments DM3725CUS Datasheet HTML 212Page - Texas Instruments DM3725CUS Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
6.5.2.2.2 DSS
—Parallel Interface—RFBI Mode—Pico DLP
The Remote Frame Buffer Interface (RFBI) module can provide also the necessary control signals and
data to interface to the Pico DLP driver of the Pico DLP panel. Table 6-42 assumes testing over the
recommended operating conditions and electrical characteristic conditions below (see Figure 6-35).
Table 6-42. DSS Timing Conditions
—RFBI Mode—Pico DLP
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance(1)
5
pF
(1) Buffer strength configuration: LB0 = 0
To use Pico DLP application, RFBI register must be configured as shown in Table 6-43:
Table 6-43. DSS Register Configuration
—RFBI Mode—Pico DLP
DESCRIPTION
REGISTER AND BIT FIELD(1)
BIT
VALUES
Selection parallel mode
RFBI_CONFIGi and
[1:0]
0b11: 16-bit parallel output interface
ParallelMode
selected
Time Granularity (multiplies signal timing
RFBI_CONFIGi
[4]
0b0: x2 latency disable
latencies by 2).
andTimeGranularity
CS signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[3:0]
0b0000
Time
CSOnTime
CS signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[9:4]
0b000100: 4 cycles
Time
CSOffTime
WE signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[13:10]
0b0000
Time
WEOnTime
WE signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[19:14]
0b000010: 2 cycles
Time
WEOffTime
RE signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[23:20]
0b0000
Time
REOnTime
RE signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[29:24]
0b000000
Time
REOffTime
Write cycle time
RFBI_CYCLE_TIMEi and
[5:0]
0b000100: 4 cycles
WECycleTime
Read cycle time
RFBI_CYCLE_TIMEi and
[11:6]
0b000000
ReCycleTime
CS pulse width
RFBI_CYCLE_TIMEi and
[17:12]
0b000000
CSPulseWidth
Read to Write CS pulse width enable
RFBI_CYCLE_TIMEi and
[18]
0b0
RWEnable
Read to Read CS pulse width enable
RFBI_CYCLE_TIMEi and
[19]
0b0
RREnable
Write to Write CS pulse width enable
RFBI_CYCLE_TIMEi and
[20]
0b0
WWEnable
Write to Read CS pulse width enable
RFBI_CYCLE_TIMEi and
[21]
0b0
WREnable
From Start Access Time to CLK rising edge
RFBI_CYCLE_TIMEi and
[27:22]
0b000000
used for the first data capture
AccessTime
(1) i is equal to 0 or 1. For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
209
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com