công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 207 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 203Page - Texas Instruments DM3725CUS Datasheet HTML 204Page - Texas Instruments DM3725CUS Datasheet HTML 205Page - Texas Instruments DM3725CUS Datasheet HTML 206Page - Texas Instruments DM3725CUS Datasheet HTML 207Page - Texas Instruments DM3725CUS Datasheet HTML 208Page - Texas Instruments DM3725CUS Datasheet HTML 209Page - Texas Instruments DM3725CUS Datasheet HTML 210Page - Texas Instruments DM3725CUS Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 280 page
background image
rfbi_a0
rfbi_csx
rfbi_wr
rfbi_da[n:0]
rfbi_rd
rfbi_te_vsync[1:0]
rfbi_hsync[1:0]
DATA0
DATA1
CsOnTime
CsOffTime
WeOnTime
WeOffTime
CsOnTime
CsOffTime
WeOnTime
WeOffTime
CsPulseWidth
WeCycleTime
WeCycleTime
SWPS038-057
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-41. DSS Switching Characteristics
— RFBI Mode— MIPI DBI 2.0 - LCD Panel (continued)
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tF(csx)
Fall time, output chip select rfbi_csx(14)
10
10
ns
tR(d)
Rise time, output data rfbi_da[15:0]
10
10
ns
tF(d)
Fall time, output data rfbi_da[15:0]
10
10
ns
tR(rd)
Rise time, output read enable rfbi_rd
10
10
ns
tF(rd)
Fall time, output read enable rfbi_rd
10
10
ns
(1) A = (WECycleTime
– WEOffTime) * (TimeParaGranularity + 1) * L4CLK
(2) B = (WEOffTime
– WEOntime) * (TimeParaGranularity + 1) * L4CLK
(3) C = WEOnTime * (TimeParaGranularity + 1) * L4CLK
(4) D = (WECycleTime + CSPulseWidth
– WEOffTime) * (TimeParaGranularity + 1) * L4CLK if mode Write to Read or Read to Write is
enabled
(5) E = (WEOnTime
– CSOnTime) * (TimeParaGranularity + 1) * L4CLK
(6) F = (CSOffTime
– WEOffTime) * (TimeParaGranularity + 1) * L4CLK
(7) G = WECycleTime * (TimeParaGranularity + 1) * L4CLK
(8) H = REOnTime * (TimeParaGranularity + 1) * L4CLK
(9) I = (RECycleTime + CSPulseWidth
– REOffTime) * (TimeParaGranularity + 1) * L4CLK if mode Write to Read or Read to Write is
enabled
(10) J = (RECycleTime
– REOffTime) * (TimeParaGranularity + 1) * L4CLK
(11) K = (REOffTime
– REOntime) * (TimeParaGranularity + 1) * L4CLK
(12) L = (REOnTime
– CSOnTime) * (TimeParaGranularity + 1) * L4CLK
(13) M = (CSOffTime
– REOffTime) * (TimeParaGranularity + 1) * L4CLK
(14) In rfbi_csx, x is equal to 0 or 1.
(1)
In rfbi_csx, x is equal to 0 or 1.
(2)
rfbi_data[n:0], n up to 15
(3)
For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Figure 6-32. DSS
—RFBI Mode—MIPI DBI 2.0 —LCD Panel—Command / Data Write
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
207
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com