công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 204 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 204 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 200Page - Texas Instruments DM3725CUS Datasheet HTML 201Page - Texas Instruments DM3725CUS Datasheet HTML 202Page - Texas Instruments DM3725CUS Datasheet HTML 203Page - Texas Instruments DM3725CUS Datasheet HTML 204Page - Texas Instruments DM3725CUS Datasheet HTML 205Page - Texas Instruments DM3725CUS Datasheet HTML 206Page - Texas Instruments DM3725CUS Datasheet HTML 207Page - Texas Instruments DM3725CUS Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 280 page
background image
SWPS038-055
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
DL0
DL2
DL1
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-36. DSS Switching Characteristics
—TFT Mode(4) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
DL2
td(pclkA-acbiasA)
Delay time, output pixel clock dss_pclk active edge to
–4.215
4.215
–4.658
4.658
ns
output data enable dss_acbias active level
DL3
td(pclkA-dV)
Delay time, output pixel clock dss_pclk active edge to
–4.215
4.215
–4.658
4.658
ns
output data dss_data[23:0] valid
DL4
1 / tc(pclk)
Frequency(2), output pixel clock dss_pclk
74.3(3)
66(3)
MHz
DL5
tw(pclk)
Pulse duration, output pixel clock dss_pclk low or high
0.45P(1)
0.55P(1)
0.45P(1)
0.55P(1)
ns
(5)
(5)
(1) P = dss_pclk period in ns
(2) The pixel clock frequency is software programmable via the pixel clock divider configuration from 1 to 255 division range in the
DISPC_DIVISOR register.
(3) For the DSS (TFT mode) in HD-TV application, to run at full speed (74.3 MHz) it is recommended to use the dss_data[5:0] signals on
the dss_data[23:18] balls (H26, H25, E28, J26, AC27, AC28). In that case, the dss_data[23:18] signals are available on the sys_boot0,
sys_boot1, sys_boot3, sys_boot4, sys_boot5, and sys_boot6 balls (AH26, AG26, AF18, AF19, AE21, AF21) to run at full speed (74.3
MHz).
If the dss_data[5:0] signals are used on the dss_data[5:0] balls (AG22, AH22, AG23, AH23, AG24, AH24), OPP100 DSS (TFT mode)
are limited at 66 MHz. The values may change following the silicon characterization result.
(4) See Section 4.3.4, Processor Clocks.
(5) tW(pclk) = 0.66.P when DISPC_DIVISOR[6:0] PCD = 3.
(1)
The pixel data bus depends on the use of 8-, 9-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
(2)
The pixel clock frequency is programmable.
(3)
All timings not illustrated in the waveform are progammable by software, and control signal polarity and driven edge of dss_pclk too.
(4)
For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Figure 6-30. DSS
—TFT Mode
6.5.2.1.3 DSS
—Parallel Interface—Bypass Mode—STN Mode
Table 6-38 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-31).
Table 6-37. DSS Timing Conditions
—STN Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance(1)
40
pF
204
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com