công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 212 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 208Page - Texas Instruments DM3725CUS Datasheet HTML 209Page - Texas Instruments DM3725CUS Datasheet HTML 210Page - Texas Instruments DM3725CUS Datasheet HTML 211Page - Texas Instruments DM3725CUS Datasheet HTML 212Page - Texas Instruments DM3725CUS Datasheet HTML 213Page - Texas Instruments DM3725CUS Datasheet HTML 214Page - Texas Instruments DM3725CUS Datasheet HTML 215Page - Texas Instruments DM3725CUS Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
6.6
Serial Communications Interfaces
6.6.1
Multichannel Buffered Serial Port (McBSP)
NOTE
For more information, see Multi-Channel Buffered Serial Port chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
The Multichannel Buffered Serial Port (McBSP) provides a full duplex direct serial interface between the
chip and other devices in a system such as other application chips, codecs. It can accommodate a wide
range of peripherals and clocked frame oriented protocols (I2S, PCM, T ) due to its high level of versatility.
McBSP may support two types of data transfer at the system level:
•
The full cycle mode, for which one clock period is used to transfer the data, generated on one edge
and captured on the same edge (one clock period later).
•
The half cycle mode, for which one half clock period is used to transfer the data, generated on one
edge and captured on the opposite edge (one half clock period later). Note that a new data is
generated only every clock period, which secures the required hold time.
The interface clock (clkx/clkr) activation edge (data/frame sync capture and generation) has to be
configured accordingly with the external peripheral (activation edge capability) and the type of data
transfer required at the system level.
Depending on the number of pins, McBSP supports either:
•
6-pin mode: dx and dr as data pins; clkx, clkr, fsx, and fsr as control pins
•
4-pin mode: dx and dr as data pins; clkx and fsx pins as control pins. The clkx and fsx pins are
internally looped back, via software configuration, respectively to the clkr and fsr internal signals for
data receive.
McBSP1 supports the 6-pin mode. McBSP2, 3, 4, and 5 support only the 4-pin mode.
The following sections describe the timing characteristics for applications in normal mode (that is, McBSPx
connected to one peripheral) and T applications in multipoint mode.
6.6.1.1
McBSP Timing Conditions
—Normal Mode
Table 6-46 through Table 6-70 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-36 through Figure 6-43).
Table 6-45. McBSP Timing Conditions
—Normal Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Condition
CLOAD
Output load capacitance(1)
10
pF
(1) Buffer strength configuration:
–
McBSP4 - Set #1: LB0 = 1.
–
Otherwise: LB0 = 0.
212
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com