công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 149 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 145Page - Texas Instruments DM3725CUS Datasheet HTML 146Page - Texas Instruments DM3725CUS Datasheet HTML 147Page - Texas Instruments DM3725CUS Datasheet HTML 148Page - Texas Instruments DM3725CUS Datasheet HTML 149Page - Texas Instruments DM3725CUS Datasheet HTML 150Page - Texas Instruments DM3725CUS Datasheet HTML 151Page - Texas Instruments DM3725CUS Datasheet HTML 152Page - Texas Instruments DM3725CUS Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
5.3
TVOUT Bypass Mode in Dual-Channel Configuration
In this case, TVOUT bypass input is high and the TVOUT buffer is bypassed (for more information, see
Section
5.5,
TVOUT
Bypass
Mode
Specifications
(DAC-Only)
Electrical
Specifications
Over
Recommended Operating Conditions). Figure 5-3 shows the connection. For more information regarding
the recommended values of the external components, see Section 5.4, Electrical Specifications Over
Recommended Operating Conditions.
Figure 5-3. Recommended Loading Conditions for TVOUT Bypass Mode in Dual-Channel Configuration(1)
(1) Here are some connections recommendations:
–
An external resistor RSET = 10 kΩ (±1%) is recommended to be connected to the cvideo1_rset signal of Channel 1.
–
The cvideo1_rset signal of Channel 2 is left unconnected.
–
External resistors RLOAD1LOAD2 = 1.5 kΩ (±1%) is recommended to be connected to cvideo1_vfb or cvideo2_vfb each channel.
Copyright
© 2010–2011, Texas Instruments Incorporated
Video DAC Specifications
149
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com