công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 151 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 147Page - Texas Instruments DM3725CUS Datasheet HTML 148Page - Texas Instruments DM3725CUS Datasheet HTML 149Page - Texas Instruments DM3725CUS Datasheet HTML 150Page - Texas Instruments DM3725CUS Datasheet HTML 151Page - Texas Instruments DM3725CUS Datasheet HTML 152Page - Texas Instruments DM3725CUS Datasheet HTML 153Page - Texas Instruments DM3725CUS Datasheet HTML 154Page - Texas Instruments DM3725CUS Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 5-1. DAC
– Static Electrical Specifications(8) (continued)
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
Ivdda-up
Analog Supply
DC mode No
Average current on vdda_dac, no
4.5
6.5
8.5
mA
Current(4)
load
load, 2 channels
Input code 50 (maximum output
AC mode No
19
28
37
voltage)
load
Full load 75-
Ω
19
28
37
load
Ivdda-up (peak)
Peak analog supply current
Lasts less than 1 ns
60
mA
Ivdd-up
Digital supply current(5)
Average current, measured at fCLK
2
mA
= 54 MHz,
fOUT = 2 MHz sine wave, vdd = 1.1
V
Ivdd-up (peak)
Peak digital supply current(6)
Peak current, full-scale transition
8
mA
lasting less than 1 ns
Ivdda-down
(9)
Analog supply current, total power
T = 30
ºC, vdda_dac = 1.8 V, no
12
μA
down(9)
load
Ivdda-stdby
(9)
Analog supply current, standby mode(9)
Bandgap and internal LDO are ON,
90
180
270
μA
all other analog blocks are OFF, no
load, T = 30 C
º
Ivdd-down(pm)
(9)
Digital supply current, total power
T = 30
ºC, Full
Low-swing mode
2
μA
down(9)
or Partial Power
High-swing mode
6
Management
Ivdd-down(nopm)
Digital supply current, total power down
T = 30
ºC, VDD = 1.1 V, no Power
60
μA
(no power management)
Management
(1) The INL is measured at the output of the DAC (accessible at an external pin during bypass mode). The INL at code 783 equals 0.
(2) The DNL is measured at the output of the DAC (accessible at an external pin during bypass mode). The INL at code 783 equals 0.
(3) Reference PSR measures the effect of a supply disturbance at cvideo1_out and cvideo2_out.
(4) The analog supply current Ivdda is directly proportional to the full-scale output current IFS and is insensitive to fCLK.
(5) The digital supply current IVDD is dependent on the digital input waveform, the DAC update rate fCLK, and the digital supply VDD.
(6) The peak digital supply current occurs at full-scale transition for duration less than 1 ns.
(7) See Section 5.6, Analog Supply (vdda_dac) Noise Requirements, for actual maximum ripple allowed on vdda_dac.
(8) For more information on code range definition, see Figure 5-4.
(9) For more information on AVDAC power-up, power-down, and standby mode configurations, see Display Subsystem / Display
Subsystem Functional Description / Video Encoder Functionalities / Video DAC Stage Power Management section of AM/DM37x
Technical Reference Manual (literature number SPRUGN4).
NOTE
High-swing mode is the default mode. The low-swing mode is not compliant with the NTSC
and PAL video-standards. It is used only for backwards compatibility to AM/DM37x.
Copyright
© 2010–2011, Texas Instruments Incorporated
Video DAC Specifications
151
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com