công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 121 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 117Page - Texas Instruments DM3725CUS Datasheet HTML 118Page - Texas Instruments DM3725CUS Datasheet HTML 119Page - Texas Instruments DM3725CUS Datasheet HTML 120Page - Texas Instruments DM3725CUS Datasheet HTML 121Page - Texas Instruments DM3725CUS Datasheet HTML 122Page - Texas Instruments DM3725CUS Datasheet HTML 123Page - Texas Instruments DM3725CUS Datasheet HTML 124Page - Texas Instruments DM3725CUS Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
3.3
DC Electrical Characteristics
Table 3-5 summarizes the dc electrical characteristics.
Note: The interfaces or signals described in Table 3-5 correspond to the interfaces or signals available in
multiplexing mode 0. All interfaces or signals multiplexed on the balls / pins described in Table 3-5 have
the same DC electrical characteristics.
Table 3-5. DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
SDRC Mode (CBP Balls(19): C14 / B14 / C15 / B16 / D17 / C17 / B17 / D18 / H9 / H10 / H11 / H12 / A13 / A14 / H16 / H17 / H14 / H13 /
H15 / A16 / A17)(4)
VIH
High-level input voltage
0.7 * vdds_mem
V
VIL
Low-level input voltage
0.3 * vdds_mem
V
VHYS
(1)
Hysteresis voltage at an input
0.07
V
VOH
High-level output voltage, driver enabled,
IOH = –4 mA
0.8 * vdds_mem
vdds_mem
V
pullup or pulldown disabled
VOL
Low-level output voltage, driver enabled,
IOL = 4 mA
0
0.2 * vdds_mem
V
pullup or pulldown disabled
CIN
Input capacitance
1.15
pF
tTIN
(2)
Input recommended rise, tRIN, and fall time, tFIN (measured
10
ns
between 20% and 80% at PAD)
tROUT
(2)
Output maximum rise time (rise time, tROUT, evaluated
1.15
ns
between 20% and 80% at PAD) @ maximum load
tFOUT
(2)
Output maximum fall time (fall time, tFOUT, evaluated
1.10
ns
between 20% and 80% at PAD) @ maximum load
COUT
Load capacitance
DS0 = 0(3)
2
4
pF
DS0 = 1(3)
4
12
MMC Interface 1 Mode (CBP Balls(19): N28 / M27 / N27 / N26 / N25 / P28)
1.8-V Mode
VIH
High-level input voltage
0.70 * vdds_mmc1
vdds_mmc1 + 0.3
V
VIL
Low-level input voltage
–0.3
0.30 * vdds_mmc1
V
VOH
High-level output voltage with 100-
μA sink current IOH
vdds_mmc1
– 0.2
V
VOL
Low-level output voltage with 100-
μA sink current at
0.2
V
vdds_mmc1 minimum
VHYS
(1)
Hysteresis voltage at an input
0.1
V
tTIN
(2)
Input transition time (tRIN or tFIN evaluated
Normal Mode
3
ns
between 10% and 90% at PAD)
(SPEEDCTRL
= 1)(4)
High-Speed
8
(SPEEDCTRL
= 0)(4)
COUT
Load capacitance
10
30
pF
LOUT
Line inductance (except vdds_mmc1)
16
nH
3.0-V Mode
VIH
High-level input voltage
0.625 * vdds_mmc1
vdds_mmc1 + 0.3
V
VIL
Low-level input voltage
–0.3
0.25 * vdds_mmc1
V
VOH
High-level output voltage with 100-
μA sink current IOH
0.75 * vdds_mmc1
V
VOL
Low-level output voltage with 100-
μA source current at
0.125 * vdds_mmc1
V
vdds_mmc1 minimum
VHYS
(1)
Hysteresis voltage at an input
0.05
V
Copyright
© 2010–2011, Texas Instruments Incorporated
Electrical Characteristics
121
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com