công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 125 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 121Page - Texas Instruments DM3725CUS Datasheet HTML 122Page - Texas Instruments DM3725CUS Datasheet HTML 123Page - Texas Instruments DM3725CUS Datasheet HTML 124Page - Texas Instruments DM3725CUS Datasheet HTML 125Page - Texas Instruments DM3725CUS Datasheet HTML 126Page - Texas Instruments DM3725CUS Datasheet HTML 127Page - Texas Instruments DM3725CUS Datasheet HTML 128Page - Texas Instruments DM3725CUS Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(4) For a full description of the SPEEDCTRL speed register configuration, see the description of the CONTROL_PROG_IO1 configuration
registers in System Control Module / Programming Model / Feature Settings section of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
(5) Rise and fall times are specified for (0.3 * vdds) to (0.7 * vdds).
(6) For capacitive load from 100 pF to 400 pF, fall time should be linearly interpolated:
tFmin = (1 + (Load – 100 pF) / 300 pF) * 10 ns
tFmax = (1 + (Load – 100 pF) / 300 pF) * 40 ns
(7) VIH is the voltage at which the receiver is required to detect a high state in the input signal.
(8) VIL is the voltage at which the receiver is required to detect a low state in the input signal. VIL is larger than the maximum single-ended
line voltage during HS transmission. Therefore, both LP receivers will detect low during HS signaling.
(9) This value includes a ground difference of 50 mV between the transmitter and the receiver, the status common-mode level tolerance
and variations below 450 MHz.
(10) Common mode is defined as the average voltage level of DX and DY: VCM = (V(DX) + V(DY))/2. Common mode ripple may be due to
rise-fall time and transmission line impairments in the PCB.
(11) Value when driving into differential load impedance anywhere in the range 80 to 125
Ω.
(12) ULPM stands for Ultra Low Power Mode.
(13) UI = 1 / (2 * fh), where fh is the fundamental frequency of HS data transmission. For example, for 800 Mbps fh is 400 MHz.
(14) vdda_x can be vdda_csiphy1 or vdda_csiphy2 depending on the interface used.
(15) At minimum load.
(16) At maximum load. Caution: This creates EMI parasitics up to 1.2 ns.
(17) For more information about IOH / IOL values, see one of the tables in the Ball Characteristics section, column
“BUFFER DRIVE
STRENGTH (mA)
”.
(18) No VOL specifications are applicable in Standard mode.
(19) For associated CBC and CUS balls, please refer to the Section 2.4, Multiplexing Characteristics table.
Copyright
© 2010–2011, Texas Instruments Incorporated
Electrical Characteristics
125
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com