công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 119 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 115Page - Texas Instruments DM3725CUS Datasheet HTML 116Page - Texas Instruments DM3725CUS Datasheet HTML 117Page - Texas Instruments DM3725CUS Datasheet HTML 118Page - Texas Instruments DM3725CUS Datasheet HTML 119Page - Texas Instruments DM3725CUS Datasheet HTML 120Page - Texas Instruments DM3725CUS Datasheet HTML 121Page - Texas Instruments DM3725CUS Datasheet HTML 122Page - Texas Instruments DM3725CUS Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
3.2
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 3-4. The POH
information in Table 3-3 is provided solely for your convenience and does not extend or modify the
warranty provided under TI
’s standard terms and conditions for TI semiconductor products.
Table 3-3. Reliability Data
JUNCTION TEMP
TOTAL DEVICE LIFETIME
≥OPP130 MAX TIME
OPP1G MAX TIME
@105C
89K POH
Not available
Not available
@90C
100K POH
45K
25K(1)
@75C
>100K POH
100K POH
75K
(1) If device is only operated at OPP1G, then POH can be extended to 35K POH.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 3-4. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
vdd_mpu_iva
Supply voltage range for ARM / IVA domain
See(1)
V
Maximum Noise (peak-peak)
40
mVPP
vdd_core
Supply voltage range for core domain
See(1)
V
Maximum Noise (peak-peak)
40
mVPP
vdds
Supply voltage for 1.8-V I/O macros
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
Oscillator IO (Crystal or
40
mVPP
Square modes)
Others
90
vdds_mem
Supply voltage for memory buffers
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
90
mVPP
vdds_mmc1
Supply voltage range for mmc1
1.8-V mode
1.71
1.80
1.91
V
dual voltage IOs
3.0-V mode
2.70
3.00 to 3.30
3.60
Noise (peak-peak)
1.8-V mode
90
mVPP
3.0-V mode
150
vdds_x
Supply voltage range for x dual
1.8-V mode
1.71
1.80
1.91
V
voltage IOs
3.0-V mode
2.70
3.00
3.60
Maximum Noise (peak-peak)
1.8-V mode
90
mVPP
3.0-V mode
150
vdda_wkup_bg_ Supply voltage range for wake-up LDO
1.71
1.80
1.91
V
bb
Maximum Noise (peak-peak)
50
mVPP
vdda_dac
Analog supply voltage for Video DAC
1.71
1.80
1.91
V
Maximum Noise (peak-peak) for a frequency from 0 to 100
30
mVPP
kHz
(For a frequency
> 100 kHz, decreases 20 dB/dec)
vdds_sram
Supply voltage for SRAM LDOs
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
50
mVPP
vdda_dplls_dll
Supply voltage for MPU, IVA, core DPLLs and DLL
1.71
1.80
1.91
V
Maximum Noise (peak-peak)
30
mVPP
For any frequency
Copyright
© 2010–2011, Texas Instruments Incorporated
Electrical Characteristics
119
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com