công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM6467CCUT bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM6467CCUT
Giải thích chi tiết về linh kiện  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467CCUT bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMS320DM6467CCUT Datasheet HTML 9Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 10Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 11Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 12Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 13Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 14Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 15Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 16Page - Texas Instruments TMS320DM6467CCUT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
3.3.8.3
DSP Memories
The ARM has access to the following DSP memories:
•
L2 RAM
•
L1P RAM
•
L1D RAM
3.3.8.4
ARM-DSP Integration
DM6467 ARM and DSP integration features are as follows:
•
DSP visibility from ARM’s memory map, see Section 3.5, Memory Map Summary, for details
•
Boot Modes for DSP - see Device Configurations section, Section 4.4.1, DSP Boot, for details
•
ARM control of DSP boot / reset - see Device Configurations section, Section 4.4.2.4, ARM Boot, for
details
•
ARM control of DSP isolation and powerdown / powerup - see Section 4, Device Configurations, for
details
•
ARM & DSP Interrupts - see Section 7.8.1, ARM CPU Interrupts, and Section 7.8.2, DSP Interrupts, for
details
3.3.9
Peripherals
The ARM9 has access to all of the peripherals on the DM6467 device.
3.3.10 PLL Controller (PLLC)
The ARM Subsystem includes the PLL Controller. The PLL Controller contains a set of registers for
configuring DM6467’s two internal PLLs (PLL1 and PLL2). The PLL Controller provides the following
configuration and control:
•
PLL Bypass Mode
•
Set PLL multiplier parameters
•
Set PLL divider parameters
•
PLL power down
•
Oscillator power down
The PLLs are briefly described in this document in the Clocking section. For more detailed information on
the PLLs and PLL Controller register descriptions, see the TMS320DM646x DMSoC ARM Subsystem
Reference Guide (literature number SPRUEP9).
3.3.11 Power and Sleep Controller (PSC)
The ARM Subsystem includes the Power and Sleep Controller (PSC). Through register settings
accessible by the ARM9, the PSC provides two levels of power savings: peripheral/module clock gating
and power domain shut-off. Brief details on the PSC are given in Section 7.3, Power Supplies. For more
detailed information and complete register descriptions for the PSC, see the TMS320DM646x DMSoC
ARM Subsystem Reference Guide (literature number SPRUEP9).
3.3.12 ARM Interrupt Controller (AINTC)
The ARM Interrupt Controller (AINTC) accepts device interrupts and maps them to either the ARM’s IRQ
(interrupt request) or FIQ (fast interrupt request). The ARM Interrupt Controller is briefly described in this
document in the Interrupts section. For detailed information on the ARM Interrupt Controller, see the
TMS320DM646x DMSoC ARM Subsystem Reference Guide (literature number SPRUEP9).
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com