| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6745DPTP3 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 227 page ![]() TMS320C6745, TMS320C6747 SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013 www.ti.com Table 2-1. Characteristics of the C6745/C6747 Processor (continued) HARDWARE FEATURES C6745 C6747 CPU Frequency MHz 674x DSP at 375 MHz(1.2V) or 456 MHz (1.3V) Core (V) 1.2V / 1.3V Voltage I/O (V) 3.3 V 24 mm x 24 mm, 176-Pin, 0.5 mm pitch, 17 mm x 17 mm, 256-Ball 1 mm pitch, Package TQFP (PTP) PBGA (ZKB) Product Preview (PP), Advance Information 375 MHz Versions -PD Product Status(1) (AI), 456 MHz Version - PD or Production Data (PD) (1) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 2.2 Device Compatibility The C674x DSP core is code-compatible with the C6000™ DSP platform and supports features of both the C64x+ and C67x+ DSP families. 10 Device Overview Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |