công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 2Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 3Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS377D device-specific data
manual to make it an SPRS377E revision.
Scope: Applicable updates to the C6747/C6745 Fixed/Floating-Point Digital Signal Processor device
family, specifically relating to the C6747 and C6743 devices, which are all now in the production data (PD)
stage of development have been incorporated.
•
Silicon Revision 3.0
•
Digital I/O Buffers Premature Aging
•
456 MHz Version now PD
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Updated/Changed Product Status on the 456-MHz Version device from “Advanced Information (AI)” to
“Production Data (PD)”
Global
Added DSP/BIOS as a Texas Instruments trademark
EMIFB sub-bullets:
Section 1.1
•
Updated/Changed “16-Bit SDRAM With 256MB Address Space (C6745)” to “16-Bit SDRAM With
Features
128MB Address Space (C6745)”
Section 1.3
Figure 1-1, C6747 Functional Block Diagram and Figure 1-2, C6745 Functional Block Diagram:
Functional Block
•
Added “Memory Protection” in the System Control Block
Diagram
Table 2-1, Characteristics of the C6745/C6747 Processor:
Section 2.1
Device
•
Updated/Changed EMIFB "16bit, up to 512 Mb SDRAM” to "16bit, up to 128 MB SDRAM"
Characteristics
•
Added Silicon Revisions "3.0" and "2.1" to the JTAG BSDL_ID row
Added “Note: Read/Write accesses …” sentence
Table 2-5, C6745 Top Level Memory Map:
Section 2.4
Memory Map
•
Updated/Changed “0xC000 0000 – 0xCFFF FFFF” “256M” to “0xC000 0000 – 0xC7FF FFFF” “128M”
Summary
EMIFB SDRAM Data
•
Updated/Changed “0xD000 0000 – 0xDFFF FFFF” to “0xC800 0000 – 0xDFFF FFFF” "BLANK" "- "
(RESERVED) row
Section 2.6.5
Table 2-10, External Memory Interface B (EMIFB) Terminal Functions:
External Memory
Interface B (only
•
Updated/Changed EMB_SDCKE, C13, EMIFB SDRAM clock TYPE from “I/O” to “O”
SDRAM):
Section 2.6.9
Enhanced
Table 2-14, Enhanced Quadrature Encoder Pulse Module (eQEP) Terminal Functions:
Quadrature Encoder
•
Updated/Changed eQEP0 MUXED column from “SPIO” to “SPI0”
Pulse Module
(eQEP):
Section 2.6.15
Multichannel Audio
Table 2-20, Multichannel Audio Serial Ports (McASPs) Terminal Functions:
Serial Ports
•
Updated/Changed the bolding on ZKB (B8) in McASP2 from "AXR0[0]" to "AFSR2"
(McASP0, McASP1,
McASP2)
Section 2.6.16
Table 2-21, Universal Serial Bus (USB) Terminal Functions:
Universal Serial Bus
Modules (USB0,
•
Updated/Changed the USB0_VDDA12 pin DESCRIPTION column and associated footnote
USB1)
Table 2-26, Reserved and No Connect Terminal Functions:
Section 2.6.21
•
Updated/Changed the RSV1 TYPE column from “PWR” to “-“
Reserved and No
•
Updated/Changed RSV2 DESCRIPTION to “… be tied either directly to CVDD or left unconnected [do
Connect
not connect to ground (VSS)]”
Section 3.1
Added “16-bit NAND” sub-bullet to NAND Flash boot
Boot Modes
6
Contents
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com