công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2731CDBVT bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2731CDBVT
Giải thích chi tiết về linh kiện  Advanced LinCMOS RAIL-TO-RAIL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV2731CDBVT bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TLV2731CDBVT Datasheet HTML 10Page - Texas Instruments TLV2731CDBVT Datasheet HTML 11Page - Texas Instruments TLV2731CDBVT Datasheet HTML 12Page - Texas Instruments TLV2731CDBVT Datasheet HTML 13Page - Texas Instruments TLV2731CDBVT Datasheet HTML 14Page - Texas Instruments TLV2731CDBVT Datasheet HTML 15Page - Texas Instruments TLV2731CDBVT Datasheet HTML 16Page - Texas Instruments TLV2731CDBVT Datasheet HTML 17Page - Texas Instruments TLV2731CDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
HIGH-LEVEL OUTPUT VOLTAGE†‡
vs
HIGH-LEVEL OUTPUT CURRENT
|IOH| – High-Level Output Current – mA
0
VDD = 5 V
TA = – 40°C
TA = 25°C
TA = 85°C
TA = 125°C
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
510
15
20
25
30
Figure 14
LOW-LEVEL OUTPUT VOLTAGE†‡
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.6
0.4
0.2
0
01
2
3
1
1.2
1.4
45
6
0.8
VDD = 5 V
VIC = 2.5 V
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 125°C
Figure 15
f – Frequency – Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE‡
vs
FREQUENCY
4
2
1
5
3
0
10 2
10 3
10 4
10 6
10 5
RI = 600 Ω
TA = 25°C
VDD = 5 V
VDD = 3 V
Figure 16
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
30
25
20
15
10
5
0
– 5
– 10
– 15
– 20
– 25
– 30
23
4
567
8
VID = – 100 mV
VID = 100 mV
VO = VDD/2
VIC = VDD/2
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com