| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8323E bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8323E bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 82 page ![]() MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4 24 Freescale Semiconductor Ethernet and MII Management Figure 11 provides the AC test load. Figure 11. AC Test Load Figure 12 shows the RMII receive AC timing diagram. Figure 12. RMII Receive AC Timing Diagram 8.3 Ethernet Management Interface Electrical Characteristics The electrical characteristics specified here apply to MII management interface signals MDIO (management data input/output) and MDC (management data clock). The electrical characteristics for MII, and RMII are specified in Section 8.1, “Ethernet Controller (10/100 Mbps)—MII/RMII Electrical Characteristics.” REF_CLK clock fall time VIH(max) to VIL(min) tRMXF 1.0 — 4.0 ns Note: 1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMRDVKH symbolizes RMII receive timing (RMR) with respect to the time data input signals (D) reach the valid state (V) relative to the tRMX clock reference (K) going to the high (H) state or setup time. Also, tRMRDXKL symbolizes RMII receive timing (RMR) with respect to the time data input signals (D) went invalid (X) relative to the tRMX clock reference (K) going to the low (L) state or hold time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular functional. For example, the subscript of tRMX represents the RMII (RM) reference (X) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 26. RMII Receive AC Timing Specifications (continued) At recommended operating conditions with OVDD of 3.3 V ± 10%. Parameter/Condition Symbol1 Min Typical Max Unit Output Z0 = 50 Ω OVDD/2 RL = 50 Ω REF_CLK RXD[1:0] tRMRDXKH tRMX tRMXH tRMXR tRMXF CRS_DV RX_ER tRMRDVKH Valid Data |