| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF04T bảng dữ liệu(PDF) 43 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04T bảng dữ liệu(HTML) 43 Page - Tyco Electronics |
|
43 / 326 page ![]() STS Series B15 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Miniature, Low Profile, Economy Grade SEE PAGE B13 FOR PRODUCT SPECIFICATIONS STS151RA STS2400PC STS2300PC DP3T STS151PC SP5T 12345 12 3 4 56 .157 (4.00) .205 (5.20) .098 (2.50) TRAVEL TYP. .197 (5.00) .110 (2.80) .024 (.060) TYP. .098 (2.50) TYP. .157 (4.00) .205 (5.20) .098 (2.50) TRAVEL TYP. .197 (5.00) .091 (2.30) .024 (.060) TYP. .098 (2.50) TYP. .130 (3.30) .591 (15.0) .807 (20.5) .118 (3.00) .016 (0.40) .240 (6.10) .035 (0.90) DIA. TYP. .098 (2.50) TYP. P.C. HOLE LAYOUT .130 (3.30) .591 (15.0) .807 (20.5) .118 (3.00) .256 (6.50) .240 (6.10) .016 (0.40) SP6T 12345 6 1 234 5 7 6 .157 (4.00) .205 (5.20) .098 (2.50) TRAVEL TYP. .197 (5.00) .110 (2.80) .024 (.060) TYP. .098 (2.50) TYP. .157 (4.00) .205 (5.20) .098 (2.50) TRAVEL TYP. .197 (5.00) .091 (2.30) .024 (.060) TYP. .098 (2.50) TYP. .130 (3.30) .689 (17.5) .906 (23.00) .118 (3.00) .016 (0.40) .240 (6.10) .035 (0.90) DIA. TYP. .098 (2.50) TYP. P.C. HOLE LAYOUT .130 (3.30) .689 (17.5) .906 (23.0) .118 (3.00) .256 (6.50) .240 (6.10) .016 (0.40) STS161PC STS161RA .157 (4.00) .205 (5.20) .098 (2.50) TRAVEL TYP. .197 (5.00) .098 (2.50) .024 (.060) TYP. .098 (2.50) TYP. .130 (3.30) .394 (10.0) .610 (15.5) .118 (3.00) .016 (0.40) .244 (6.20) 1 2 3 1 23 .098 (2.50) TYP. .118 (3.00) .016 (0.40) .244 (6.20) .098 (2.50) TYP. .197 (5.00) .157 (4.00) .205 (5.20) .098 (2.50) TRAVEL TYP. .197 (5.00) .114 (2.90) .024 (.060) TYP. .098 (2.50) TYP. .130 (3.30) .492 (12.5) .709 (18.0) .035 (0.90) DIA. TYP. .098 (2.50) 1 2 3 4 4 1 2 3 .098 (2.50) TYP. .197 (5.00) .197 (5.00) P. C. HOLE LAYOUT .035 (0.90) DIA. TYP. .098 (2.50) .098 (2.50) TYP. .197 (5.00) P. C. HOLE LAYOUT DP4T Part Number Tyco Alcoswitch Plating Mounting Style Electronics 6-1437577-9 STS151PC Silver Upright 7-1437577-0 STS151RA Silver Right Angle Part Number Tyco Alcoswitch Plating Mounting Style Electronics 7-1437577-1 STS161PC Silver Upright 7-1437577-2 STS161RA Silver Right Angle Part Number Tyco Alcoswitch Plating Mounting Style Electronics 7-1437577-4 STS2300PC DP3T Silver Upright 7-1437577-6 STS2400PC DP4T Silver Upright |