| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF04T bảng dữ liệu(PDF) 86 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04T bảng dữ liệu(HTML) 86 Page - Tyco Electronics |
|
86 / 326 page ![]() C10 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C .200 (5.08) .100 (2.54) TYP. .236 (6.00) TYP. .186 (4.72) DIA. .172 (4.37) .221 (5.61) .100 (2.50) DIA. 26… .216 (5.49) .348 (8.84) .129 (3.28) .020 (0.51) TYP. 3 2 1 TWO POLE .363 (9.22) .320 (8.10) .043 (1.09) TYP. .100 (2.54) TYP. .236 (5.99) TYP. .186 (4.72) Dia. .172 (4.37) DIA. .221 (5.61) .100 (2.50) DIA. 26… .216 (5.49) .348 (8.84) .129 (3.28) .020 (0.51) TYP. .320 (8.10) 3 2 1 .030 (0.76) .206 (5.23) ONE POLE Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 TT Series Toggle Switches, Tiny, Vertical, PC Mount Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437562-6 TT41NGPC1 4PDT N On None On .200 (5.08) .100 (2.54) TYP. .043 (1.09) DIA TYP. .172 (4.37) .186 (4.72) DIA. 26¡ .100 (2.50) DIA. .221 (5.61) .216 (5.49) .348 (8.84) .129 (3.28) .363 (9.22) .621 (15.72) .030 (0.76) .020 (0.51) TYP. 12 11 10 6 5 4 9 8 7 3 2 1 TT41NGPC1 Tyco Alcoswitch Type Act. Code P. M5 Electronics 9-1437561-9 TT21KGPC1 DPST K On None Off 1437562-3 TT21NGPC1 DPDT N On None On 3-1437562-4 TT21PGPC1 DPDT P On Off On Note: No center terminal on “K” switches 4 POLE Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437561-3 TT11AGPC1 SPST A On None Off 2-1437561-6 TT11DGPC1 SPDT D On None On 5-1437561-1 TT11EGPC1 SPDT E On Off On Note: No center terminal on “A” switches 1 POLE For Terminal Connections refer to Code Chart (see page M5-6) 2 POLE For Terminal Connections refer to Code Chart (see page M5-6) TT21NGPC1 TT11DGPC1 |