| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF04T bảng dữ liệu(PDF) 83 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04T bảng dữ liệu(HTML) 83 Page - Tyco Electronics |
|
83 / 326 page ![]() C7 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C TST Series Toggle Switches, Tiny, Sealed, Through Hole and Surface Mount .030 (0.76) .043 (1.09) DIA. TYP. .100 (2.54) TYP. .200 (5.08) TYP. .020 (0.51) TYP. .130 (3.30) TYP. .200 (5.08) .020 (0.51 .156 (3.96) .100 (2.54) DIA. .130 (3.30) .340 (8.64) .014 (0.36) .174 (4.42) .020 (0.51) ACTUATORS RA Right Angle TST11DGRA1D .043 (1.09) DIA. TYP. .020 (0.51) TYP. .200 (5.08) .014 (0.36) .100 (2.54) DIA. .200 (5.08) .100 (2.54) .020 (0.51) .030 (0.76) 2 PLCS. .100 (2.54) TYP. .130 (3.30) .156 (3.96) .162 (4.11) .030 (0.76) .020 (0.51) .126 (3.20) .206 (5.23) .320 (8.13) VRA Vertical Right Angle TST11DGVRA1D 1 .206 (5.23) .100 DIA. (2.54) .100 DIA. (2.54) .250 (6.35) 2 .400 (10.16) .100 DIA. (2.54) 4 |