công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPC1PC8 bảng dữ liệu(PDF) 24 Page - Altera Corporation

tên linh kiện EPC1PC8
Giải thích chi tiết về linh kiện  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1PC8 bảng dữ liệu(HTML) 24 Page - Altera Corporation

Back Button EPC1PC8 Datasheet HTML 18Page - Altera Corporation EPC1PC8 Datasheet HTML 19Page - Altera Corporation EPC1PC8 Datasheet HTML 20Page - Altera Corporation EPC1PC8 Datasheet HTML 21Page - Altera Corporation EPC1PC8 Datasheet HTML 22Page - Altera Corporation EPC1PC8 Datasheet HTML 23Page - Altera Corporation EPC1PC8 Datasheet HTML 24Page - Altera Corporation EPC1PC8 Datasheet HTML 25Page - Altera Corporation EPC1PC8 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Page 24
Package
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Package
Figure 6 and Figure 7 show the configuration device package pin-outs.
f For more information about package outlines and drawings, refer to the Package and
Thermal Resistance page.
Figure 6. EPC1, EPC1064, EPC1064V, EPC1213, and EPC1441 Package Pin-Out Diagrams (1)
Notes to Figure 6:
(1) EPC1 and EPC1441 devices are one-time programmable devices. ISP is not available in these devices.
(2) The nCASC pin is available on EPC1 devices, which allows them to be cascaded. For EPC1441 devices, nCASC is a reserved pin and should
be left unconnected.
Figure 7. EPC2 Package Pin-Out Diagrams
8-Pin PDIP
32-Pin TQFP
EPC1441
EPC1064
EPC1064V
20-Pin PLCC
EPC1
EPC1441
EPC1213
EPC1064
EPC1064V
EPC1
EPC1441
EPC1213
EPC1064
EPC1064V
DATA
DCLK
OE
nCS
VCC
VCC
nCASC(2)
GND
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
20
19
10
13
18
17
16
15
14
OE
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
DCLK
VCC
30
31
32
1
2
3
4
5
29
28
DCLK
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
24
23
22
21
20
VCC
19
18
17
25
916
8
OE
6
7
10
11
12
13
14
15
27
26
911
12
32-Pin TQFP
20-Pin PLCC
1
2
3
4
5
6
7
8
20
19
11
10
912
13
18
17
16
15
14
OE
N.C.
VCCSEL
DCLK
N.C.
VPP
N.C.
N.C.
N.C.
VPPSEL
30
31
32
1
2
3
4
5
29
28
N.C.
N.C.
DCLK
N.C.
VCCSEL
N.C.
24
23
22
21
20
N.C.
VPP
N.C.
N.C.
19
18
17
25
9
16
8
N.C.
OE
N.C.
VPPSEL
N.C.
N.C.
6
7
10
11
12
13
14
15
27
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26