công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPC1PC8 bảng dữ liệu(PDF) 19 Page - Altera Corporation

tên linh kiện EPC1PC8
Giải thích chi tiết về linh kiện  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1PC8 bảng dữ liệu(HTML) 19 Page - Altera Corporation

Back Button EPC1PC8 Datasheet HTML 15Page - Altera Corporation EPC1PC8 Datasheet HTML 16Page - Altera Corporation EPC1PC8 Datasheet HTML 17Page - Altera Corporation EPC1PC8 Datasheet HTML 18Page - Altera Corporation EPC1PC8 Datasheet HTML 19Page - Altera Corporation EPC1PC8 Datasheet HTML 20Page - Altera Corporation EPC1PC8 Datasheet HTML 21Page - Altera Corporation EPC1PC8 Datasheet HTML 22Page - Altera Corporation EPC1PC8 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Operating Conditions
Page 19
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Operating Conditions
Table 12 through Table 19 list information about absolute maximum ratings,
recommended operating conditions, DC operating conditions, and capacitance for
configuration devices.
Table 12. Absolute Maximum Ratings (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to GND (2)
–2.0
7.0
V
VI
DC input voltage
With respect to GND (2)
–2.0
7.0
V
IMAX
DC VCC or GND current
—
—
50
mA
IOUT
DC output current, per pin
—
–25
25
mA
PD
Power dissipation
—
—
250
mW
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
Under bias
—
135
° C
Table 13. Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage for 5.0-V operation
(3), (4)
4.75
(4.50)
5.25
(5.50)
V
Supply voltage for 3.3-V operation
(3), (4)
3.0 (3.0)
3.6 (3.6)
V
VI
Input voltage
With respect to GND
–0.3
VCC + 0.3
(5)
V
VO
Output voltage
—
0
VCC
V
TA
Operating temperature
For commercial use
0
70
° C
For industrial use
–40
85
° C
tR
Input rise time
—
—
20
ns
tF
Input fall time
—
—
20
ns
Table 14. DC Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage
—
2.0
VCC + 0.3
(5)
V
VIL
Low-level input voltage
—
–0.3
0.8
V
VOH
5.0-V mode high-level TTL output
voltage
IOH = –4 mA DC (6)
2.4
—
V
3.3-V mode high-level CMOS
output voltage
IOH = –0.1 mA DC (6)
VCC – 0.2
—
V
VOL
Low-level output voltage
IOL = 4 mA DC (6)
—0.4
V
II
Input leakage current
VI = VCC or GND
–10
10
A
IOZ
Tri-state output off-state current
VO = VCC or GND
–10
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com