| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC1PC8 bảng dữ liệu(PDF) 5 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC1PC8 bảng dữ liệu(HTML) 5 Page - Altera Corporation |
|
5 / 26 page ![]() Functional Description Page 5 Configuration Devices for SRAM-Based LUT Devices January 2012 Altera Corporation Figure 1 shows the configuration device block diagram. Stratix II EP2S15 5,000,000 — — — — 3 EP2S30 10,100,000 — — — — 7 EP2S60 17,100,000 — ———11 EP2S90 27,500,000 — ———17 EP2S130 39,600,000 — ———24 EP2S180 52,400,000 — ———31 Notes to Table 2: (1) Raw Binary File (.rbf) were used to determine these sizes. (2) This number is calculated with the Cyclone series compression feature enabled. (3) EP1S10 ES devices requires four EPC2 devices. Table 2. Supported Configuration Devices (Part 4 of 4) Device Family Device Data Size (Bits) (1) EPC1064 or EPC1064V EPC1213 EPC1441 EPC1 EPC2 Figure 1. Configuration Device Block Diagram Notes to Figure 1: (1) The EPC1441 devices do not support data cascading. The EPC1, EPC2, and EPC1213 devices support data cascading. (2) The OE pin is a bidirectional open-drain pin. DCLK nCS OE Decode Logic Address DATA DATA Shift Register EPROM Array nCS Decode Logic Address Oscillator Oscillator Control EPROM Array Shift Register DATA DATA DCLK nCASC nCASC (1) (1) FPGA (except FLEX 8000) Configuration Using an EPC2, EPC1, or EPC1441 FLEX 8000 Device Configuration Using an EPC1, EPC1441, EPC1213, EPC1064, or EPC1064V Address Counter CLK ENA nRESET Error Detection Circuitry OE Address Counter CLK ENA nRESET (2) |