công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 320 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 320 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 316Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 317Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 318Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 319Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 320Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 321Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 322Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 323Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 324Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
316
Freescale Semiconductor
A.14 EMC Performance
Electromagnetic compatibility (EMC) performance is highly dependant on the environment in which the
MCU resides. Board design and layout, circuit topology choices, location and characteristics of external
components as well as MCU software operation all play a significant role in EMC performance. The
system designer should consult Freescale applications notes such as AN2321, AN1050, AN1263,
AN2764, and AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
A.14.1 Radiated Emissions
Microcontroller radiated RF emissions are measured from 150 kHz to 1 GHz using the TEM/GTEM Cell
method in accordance with the IEC 61967-2 and SAE J1752/3 standards. The measurement is performed
with the microcontroller installed on a custom EMC evaluation board while running specialized EMC test
software. The radiated emissions from the microcontroller are measured in a TEM cell in two package
orientations (North and East).
The maximum radiated RF emissions of the tested configuration in all orientations are less than or equal
to the reported emissions levels.
A.14.2 Conducted Transient Susceptibility
Microcontroller transient conducted susceptibility is measured in accordance with an internal Freescale
test method. The measurement is performed with the microcontroller installed on a custom EMC
evaluation board and running specialized EMC test software designed in compliance with the test method.
The conducted susceptibility is determined by injecting the transient susceptibility signal on each pin of
the microcontroller. The transient waveform and injection methodology is based on IEC 61000-4-4
(EFT/B). The transient voltage required to cause performance degradation on any pin in the tested
configuration is greater than or equal to the reported levels unless otherwise indicated by footnotes below
Table A-18.
Table A-17. Radiated Emissions, Electric Field
Parameter
Symbol
Conditions
Frequency
fOSC/fBUS
Level1
(Max)
1 Data based on qualification test results.
Unit
Radiated emissions,
electric field
VRE_TEM
VDD = 5 V
TA = +25
oC
package type
16-TSSOP
0.15 – 50 MHz
4 MHz crystal
16 MHzbus
0
dB
μV
50 – 150 MHz
0
150 – 500 MHz
–6
500 – 1000 MHz
–9
IEC Level
N
—
SAE Level
1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com