công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 321 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 317Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 318Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 319Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 320Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 321Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 322Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 323Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 324Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
317
The susceptibility performance classification is described in Table A-19.
Table A-18. Conducted Susceptibility, EFT/B
Parameter
Symbol
Conditions
fOSC/fBUS
Result
Amplitude1
(Min)
1 Data based on qualification test results. Not tested in production.
Unit
Conducted susceptibility, electrical
fast transient/burst (EFT/B)
VCS_EFT
VDD = 5 V
TA = +25
oC
package type
16-TSSOP
4 MHz
crystal
16 MHz bus
A4
kV
B
N/A
C
N/A
D
N/A
Table A-19. Susceptibility Performance Classificatio
Result
Performance Criteria
A
No failure
The MCU performs as designed during and after exposure.
B
Self-recovering
failure
The MCU does not perform as designed during exposure. The MCU returns
automatically to normal operation after exposure is removed.
C
Soft failure
The MCU does not perform as designed during exposure. The MCU does not return to
normal operation until exposure is removed and the RESET pin is asserted.
D
Hard failure
The MCU does not perform as designed during exposure. The MCU does not return to
normal operation until exposure is removed and the power to the MCU is cycled.
E
Damage
The MCU does not perform as designed during and after exposure. The MCU cannot
be returned to proper operation due to physical damage or other permanent
performance degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com