công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 316 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 316 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 312Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 313Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 314Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 315Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 316Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 317Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 318Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 319Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 320Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
312
Freescale Semiconductor
A.12.3 SPI
Table A-15 and Figure A-14 through Figure A-17 describe the timing requirements for the SPI system.
Table A-15. SPI Electrical Characteristic
Num1
1
Refer to Figure A-14 through Figure A-17
.
C
Rating2
2
All timing is shown with respect to 20% VDD and 70% VDD, unless noted; 100 pF load on all SPI
pins. All timing assumes slew rate control disabled and high drive strength enabled for SPI output
pins.
Symbol
Min
Max
Unit
1
D
Cycle time
Master
Slave
tSCK
tSCK
2
4
2048
—
tcyc
tcyc
2
D
Enable lead time
Master
Slave
tLead
tLead
—
1/2
1/2
—
tSCK
tSCK
3
D
Enable lag time
Master
Slave
tLag
tLag
—
1/2
1/2
—
tSCK
tSCK
4
D
Clock (SPSCK) high time
Master and Slave
tSCKH
1/2 tSCK – 25
—
ns
5
D
Clock (SPSCK) low time
Master and Slave
tSCKL
1/2 tSCK – 25
—
ns
6
D
Data setup time (inputs)
Master
Slave
tSI(M)
tSI(S)
30
30
—
—
ns
ns
7
D
Data hold time (inputs)
Master
Slave
tHI(M)
tHI(S)
30
30
—
—
ns
ns
8
D
Access time, slave3
3
Time to data active from high-impedance state.
tA
040
ns
9
D
Disable time, slave4
4
Hold time to high-impedance state.
tdis
—40
ns
10
D
Data setup time (outputs)
Master
Slave
tSO
tSO
25
25
—
—
ns
ns
11
D
Data hold time (outputs)
Master
Slave
tHO
tHO
–10
–10
—
—
ns
ns
12
D
Operating frequency
Master
Slave
fop
fop
fBus/2048
dc
55
fBus/4
5 Maximum baud rate must be limited to 5 MHz due to input filter characteristics.
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com