công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 266 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 266 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 262Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 263Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 264Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 266Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 267Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 268Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 269Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
262
Freescale Semiconductor
16.6.2.2.3
PWM End-of-Duty-Cycle Events
For channels configured for PWM operation there are two possibilities. When the channel is configured
for edge-aligned PWM, the channel flag gets set when the timer counter matches the channel value register
which marks the end of the active duty cycle period. When the channel is configured for center-aligned
PWM, the timer count matches the channel value register twice during each PWM cycle. In this CPWM
case, the channel flag is set at the start and at the end of the active duty cycle period which are the times
when the timer counter matches the channel value register. The flag is cleared by the two-step sequence
described Section 16.6.2, “Description of Interrupt Operation.”
16.7 The Differences from TPM v2 to TPM v3
1. Write to TPMxCNTH:L registers (Section 16.3.2, “TPM-Counter Registers
(TPMxCNTH:TPMxCNTL)) [SE110-TPM case 7]
Any write to TPMxCNTH or TPMxCNTL registers in TPM v3 clears the TPM counter
(TPMxCNTH:L) and the prescaler counter. Instead, in the TPM v2 only the TPM counter is cleared
in this case.
2. Read of TPMxCNTH:L registers (Section 16.3.2, “TPM-Counter Registers
(TPMxCNTH:TPMxCNTL))
— In TPM v3, any read of TPMxCNTH:L registers during BDM mode returns the value of the
TPM counter that is frozen. In TPM v2, if only one byte of the TPMxCNTH:L registers was
read before the BDM mode became active, then any read of TPMxCNTH:L registers during
BDM mode returns the latched value of TPMxCNTH:L from the read buffer instead of the
frozen TPM counter value.
— This read coherency mechanism is cleared in TPM v3 in BDM mode if there is a write to
TPMxSC, TPMxCNTH or TPMxCNTL. Instead, in these conditions the TPM v2 does not clear
this read coherency mechanism.
3. Read of TPMxCnVH:L registers (Section 16.3.5, “TPM Channel Value Registers
(TPMxCnVH:TPMxCnVL))
— In TPM v3, any read of TPMxCnVH:L registers during BDM mode returns the value of the
TPMxCnVH:L register. In TPM v2, if only one byte of the TPMxCnVH:L registers was read
before the BDM mode became active, then any read of TPMxCnVH:L registers during BDM
mode returns the latched value of TPMxCNTH:L from the read buffer instead of the value in
the TPMxCnVH:L registers.
— This read coherency mechanism is cleared in TPM v3 in BDM mode if there is a write to
TPMxCnSC. Instead, in this condition the TPM v2 does not clear this read coherency
mechanism.
4. Write to TPMxCnVH:L registers
— Input Capture Mode (Section 16.4.2.1, “Input Capture Mode)
In this mode the TPM v3 does not allow the writes to TPMxCnVH:L registers. Instead, the
TPM v2 allows these writes.
— Output Compare Mode (Section 16.4.2.2, “Output Compare Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com