công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 263 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 263 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 260Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 261Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 262Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 263Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 264Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 266Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 267Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
259
The output compare value in the TPM channel registers (times 2) determines the pulse width (duty cycle)
of the CPWM signal (Figure 16-16). If ELSnA=0, a compare occurred while counting up forces the
CPWM output signal low and a compare occurred while counting down forces the output high. The
counter counts up until it reaches the modulo setting in TPMxMODH:TPMxMODL, then counts down
until it reaches zero. This sets the period equal to two times TPMxMODH:TPMxMODL.
Figure 16-16. CPWM Period and Pulse Width (ELSnA=0)
Center-aligned PWM outputs typically produce less noise than edge-aligned PWMs because fewer I/O pin
transitions are lined up at the same system clock edge. This type of PWM is also required for some types
of motor drives.
Input capture, output compare, and edge-aligned PWM functions do not make sense when the counter is
operating in up/down counting mode so this implies that all active channels within a TPM must be used in
CPWM mode when CPWMS=1.
The TPM may be used in an 8-bit MCU. The settings in the timer channel registers are buffered to ensure
coherent 16-bit updates and to avoid unexpected PWM pulse widths. Writes to any of the registers
TPMxMODH, TPMxMODL, TPMxCnVH, and TPMxCnVL, actually write to buffer registers.
In center-aligned PWM mode, the TPMxCnVH:L registers are updated with the value of their write buffer
according to the value of CLKSB:CLKSA bits, so:
•
If (CLKSB:CLKSA = 0:0), the registers are updated when the second byte is written
•
If (CLKSB:CLKSA not = 0:0), the registers are updated after the both bytes were written, and the
TPM counter changes from (TPMxMODH:TPMxMODL - 1) to (TPMxMODH:TPMxMODL). If
the TPM counter is a free-running counter, the update is made when the TPM counter changes from
0xFFFE to 0xFFFF.
When TPMxCNTH:TPMxCNTL=TPMxMODH:TPMxMODL, the TPM can optionally generate a TOF
interrupt (at the end of this count).
Writing to TPMxSC cancels any values written to TPMxMODH and/or TPMxMODL and resets the
coherency mechanism for the modulo registers. Writing to TPMxCnSC cancels any values written to the
channel value registers and resets the coherency mechanism for TPMxCnVH:TPMxCnVL.
PERIOD
PULSE WIDTH
COUNT=
COUNT= 0
COUNT=
OUTPUT
COMPARE
(COUNT DOWN)
OUTPUT
COMPARE
(COUNT UP)
TPMxCHn
2 x TPMxMODH:TPMxMODL
2 x TPMxCnVH:TPMxCnVL
TPMxMODH:TPMxMODL
TPMxMODH:TPMxMODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com