công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 262 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 258Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 260Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 261Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 262Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 263Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 264Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
258
Freescale Semiconductor
Figure 16-15. PWM Period and Pulse Width (ELSnA=0)
When the channel value register is set to 0x0000, the duty cycle is 0%. 100% duty cycle can be achieved
by setting the timer-channel register (TPMxCnVH:TPMxCnVL) to a value greater than the modulus
setting. This implies that the modulus setting must be less than 0xFFFF in order to get 100% duty cycle.
Because the TPM may be used in an 8-bit MCU, the settings in the timer channel registers are buffered to
ensure coherent 16-bit updates and to avoid unexpected PWM pulse widths. Writes to any of the registers
TPMxCnVH and TPMxCnVL, actually write to buffer registers. In edge-aligned PWM mode, values are
transferred to the corresponding timer-channel registers according to the value of CLKSB:CLKSA bits, so:
•
If (CLKSB:CLKSA = 0:0), the registers are updated when the second byte is written
•
If (CLKSB:CLKSA not = 0:0), the registers are updated after the both bytes were written, and the
TPM counter changes from (TPMxMODH:TPMxMODL - 1) to (TPMxMODH:TPMxMODL). If
the TPM counter is a free-running counter then the update is made when the TPM counter changes
from 0xFFFE to 0xFFFF.
16.4.2.4
Center-Aligned PWM Mode
This type of PWM output uses the up/down counting mode of the timer counter (CPWMS=1). The output
compare value in TPMxCnVH:TPMxCnVL determines the pulse width (duty cycle) of the PWM signal
while the period is determined by the value in TPMxMODH:TPMxMODL. TPMxMODH:TPMxMODL
should be kept in the range of 0x0001 to 0x7FFF because values outside this range can produce ambiguous
results. ELSnA will determine the polarity of the CPWM output.
pulse width = 2 x (TPMxCnVH:TPMxCnVL)
period = 2 x (TPMxMODH:TPMxMODL); TPMxMODH:TPMxMODL=0x0001-0x7FFF
If the channel-value register TPMxCnVH:TPMxCnVL is zero or negative (bit 15 set), the duty cycle will
be 0%. If TPMxCnVH:TPMxCnVL is a positive value (bit 15 clear) and is greater than the (non-zero)
modulus setting, the duty cycle will be 100% because the duty cycle compare will never occur. This
implies the usable range of periods set by the modulus register is 0x0001 through 0x7FFE (0x7FFF if you
do not need to generate 100% duty cycle). This is not a significant limitation. The resulting period would
be much longer than required for normal applications.
TPMxMODH:TPMxMODL=0x0000 is a special case that should not be used with center-aligned PWM
mode. When CPWMS=0, this case corresponds to the counter running free from 0x0000 through 0xFFFF,
but when CPWMS=1 the counter needs a valid match to the modulus register somewhere other than at
0x0000 in order to change directions from up-counting to down-counting.
PERIOD
PULSE
WIDTH
OVERFLOW
OVERFLOW
OVERFLOW
OUTPUT
COMPARE
OUTPUT
COMPARE
OUTPUT
COMPARE
TPMxCHn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com