công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 269 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 269 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 266Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 267Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 268Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 269Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 270Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 271Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 272Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
265
Figure 0-2. Generation of low-true EPWM signal by TPM v2 and v3 after the reset
The following procedure can be used in TPM v3 (when the channel pin is also a port pin) to emulate
the high-true EPWM generated by TPM v2 after the reset.
...
configure the channel pin as output port pin and set the output pin;
configure the channel to generate the EPWM signal but keep ELSnB:ELSnA as 00;
configure the other registers (TPMxMODH, TPMxMODL, TPMxCnVH, TPMxCnVL, ...);
configure CLKSB:CLKSA bits (TPM v3 starts to generate the high-true EPWM signal, however
TPM does not control the channel pin, so the EPWM signal is not available);
wait until the TOF is set (or use the TOF interrupt);
enable the channel output by configuring ELSnB:ELSnA bits (now EPWM signal is available);
...
ELSnB:ELSnA BITS
CLKSB:CLKSA BITS
0
TPMxMODH:TPMxMODL = 0x0007
TPMxCnVH:TPMxCnVL = 0x0005
TPMxCNTH:TPMxCNTL
TPMv2 TPMxCHn
EPWM mode
00
00
01
BUS CLOCK
01
123 4567
0 1
2
CHnF BIT
MSnB:MSnA BITS
00
10
(in TPMv2 and TPMv3)
TPMv3 TPMxCHn
...
RESET (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com