công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASTMB633 bảng dữ liệu(PDF) 5 Page - ITT Industries

tên linh kiện ASTMB633
Giải thích chi tiết về linh kiện  CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB633 bảng dữ liệu(HTML) 5 Page - ITT Industries

  ASTMB633 Datasheet HTML 1Page - ITT Industries ASTMB633 Datasheet HTML 2Page - ITT Industries ASTMB633 Datasheet HTML 3Page - ITT Industries ASTMB633 Datasheet HTML 4Page - ITT Industries ASTMB633 Datasheet HTML 5Page - ITT Industries ASTMB633 Datasheet HTML 6Page - ITT Industries ASTMB633 Datasheet HTML 7Page - ITT Industries ASTMB633 Datasheet HTML 8Page - ITT Industries ASTMB633 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
5
SOCIETY OF AUTOMOTIVE ENGINEERS, INC.
SAE AMS2404
- Plating, Electroless Nickel
SAE AMS2700
- Passivation of corrosion resistant steel
SAE AMS-QQ-N-290
- Nickel Plating (Electrodeposited)
SAE AMS-QQ-P-416 - Plating, Cadmium (Electrodeposited)
SAE AMS-P-81728
- Plating, Tin-Lead (Electrodeposited)
(Copies of these documents are available online at http://www.sae.org or from SAE International,
400 Commonwealth Drive, Warrandale, PA 15096-0001, and Tel: 877-606-7323 [inside USA and Canada] or
724-776-4970 [outside USA], email at CustomerService@sae.org.)
2.4 Order of precedence. Unless otherwise noted herein or in the contract, in the event of a conflict between the
text of this document and the references cited herein (except for related specification sheets), the text of this document
takes precedence. Nothing in this document, however, supersedes applicable laws and regulations unless a specific
exemption has been obtained.
3. REQUIREMENTS
3.1 Specification sheets. The individual item requirements shall be as specified herein and in accordance with the
applicable specification sheet. In the event of any conflict between the requirements of this specification and the
specification sheet, the latter shall govern.
3.2 Qualification. Connector assemblies furnished under this specification shall be products that are authorized by
the qualifying activity for listing on the applicable qualified products list before contract award (see 4.3 and 6.3).
3.2.1 Quality.
3.2.1.1 Statistical process control (SPC). The contractor shall implement and use statistical process control
techniques in the manufacturing process for parts covered by this specification. The SPC program shall be developed
and maintained in accordance with EIA-557. Where SPC cannot be utilized because of non-continuous production
requirements, a lot sampling plan for inspection in accordance with table XIII with c = 0 can be utilized. The SPC and
c = 0 programs shall be documented and maintained as part of the overall reliability assurance program in accordance
with EIA-557 and MIL-STD-790. Evidence of such compliance shall be verified by the qualifying activity of this
specification as a prerequisite for qualification.
3.3 Materials. Materials shall be as identified herein. However, when a definite material is not specified, a material
shall be used which will enable the connectors to meet all requirements of this specification. Acceptance or approval
of any constituent material shall not be construed as a guarantee for acceptance of the finished product.
3.3.1 Interface materials, platings and processes. Interface materials, platings, and processes have been
established to provide assurances that connectors manufactured to this specification will properly interface to similar
industry standard or government specified connector systems without problems of electrochemical incompatibility or
excessive interface surface wear. The manufacturers of connectors supplied to this specification may be allowed to
use alternate recognized industry standard materials, platings, and processes from those identified in 3.3. Alternate
materials, platings and processes used must be coordinated with the qualifying activity as part of the qualification
process. Use of alternates to those referenced guidance items by the supplier must not result in inferior short or long
term performance or reliability of supplied connectors as compared with connectors manufactured using the
referenced materials, platings, or processes. Short or long term failures or reliability problems due to use of these
alternates shall be the responsibility of the supplier.
3.3.2 Dissimilar metals. When dissimilar metals are employed in intimate contact with each other, protection
against electrolytic corrosion shall be provided (see 3.3.1).
3.3.3 Nonmagnetic materials (classes M and N connectors). All parts used in classes M and N connectors shall be
made from materials which are classed as nonmagnetic (see 3.5.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41