| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASTMB633 bảng dữ liệu(PDF) 27 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASTMB633 bảng dữ liệu(HTML) 27 Page - ITT Industries |
|
27 / 41 page ![]() MIL-DTL-24308G w/AMENDMENT 2 27 TABLE XIV. Specification sheet selection . Specification sheet Class Mounting method Contact type Termination type Contact size Positions available 1/ M24308/1 D, G Panel Socket Solder cup 2/ 20 22D 9,15, 25, 37, 50 none M24308/2 D, G Panel Socket Crimp 20 22D 9,15, 25, 37, 50 15, 26, 44, 62, 78, 104 M24308/3 D, G Panel Pin Solder cup 2/ 20 22D 9,15, 25, 37, 50 none M24308/4 D, G Panel Pin Crimp 20 22D 9,15, 25, 37, 50 15, 26, 44, 62, 78, 104 M24308/5 M, N Panel Socket Solder cup 2/ 20 22D 9,15, 25, 37, 50 none M24308/6 M, N Panel Socket Crimp 20 22D 9,15, 25, 37, 50 15, 26, 44, 62, 78, 104 M24308/7 M, N Panel Pin Solder cup 2/ 20 22D 9,15, 25, 37, 50 none M24308/8 M, N Panel Pin Crimp 20 22D 9,15, 25, 37, 50 15, 26, 44, 62, 78, 104 M24308/9 H, K Panel Pin Solder cup, eyelet 2/ 20 22D 9,15, 25, 37, 50 none M24308/23 G PCB Socket Straight, right angle 20 22D 9,15, 25, 37, 50 15, 26, 44, 62, 78 M24308/24 G PCB Pin Straight, right angle 20 22D 9,15, 25, 37, 50 15, 26, 44, 62, 78 M24308/25 Male screw lock M24308/26 Female screw lock M24308/27 G Panel Socket IDC 20 22D 9,15, 25, 37 M24308/28 G Panel Pin IDC 20 22D 9,15, 25, 37 1/ See Appendix A. 2/ See Appendix B. |